Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-DC50 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-DC50
Description  Digital Multimeter PCE-DC 50
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DC50 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-DC50 Datasheet HTML 1Page - PCE Instruments. PCE-DC50 Datasheet HTML 2Page - PCE Instruments. PCE-DC50 Datasheet HTML 3Page - PCE Instruments. PCE-DC50 Datasheet HTML 4Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Digital Multimeter PCE-DC 50
Digital Multimeter PCE-DC 50
Clamp meter with true rms measurement / AC current measurement / Voltage measurement / Temperature measurement / Bluetooth
interface / Rubberized housing / Display hold / Automatic switch-off / Test lead max. 48 mm / Many measuring functions
The clamp meter PCE-DC 50 is a measuring device for measuring currents of up to 1000 A AC / DC. In addition to current measurement, the
clamp can also measure and test voltage, frequency, duty cycle, resistance, continuity test, capacitors and diodes. The enclosure diameter of
the clamp is 48 mm. Thus, you can also perform measurements on cables with a large cross-section. Thanks to the NCVD function, it is possible
to use the measuring clamp to check contactlessly whether a voltage is applied to a cable. 
This clamp has an integrated Bluetooth interface. Via this Bluetooth interface a connection to the PC or the smartphone can be established
with the measuring pliers. This allows the measured data of the measuring clamp to be stored and analyzed. If the PC does not have a
Bluetooth interface to connect the measuring pliers, a suitable Bluetooth adapter is included in the delivery. 
Another special feature of the measuring clamp is the measurement of temperatures. Two type-K thermocouples can be connected to the
measuring clamp and read out at the same time. Here, temperatures of up to 1000°C / 1832°F  can be measured. The housing of the measuring
pliers consists of a robust plastic, which is additionally coated with a rubber coating. Thanks to the additional rubber coating, the measuring
pliers can easily withstand impacts.
Sample rate 2 Hz
Cover on the test sockets
AC A and AC V measurement
Bluetooth interface
Cable diameter max. 48 mm
Temperature measurement via 2 thermocouples
Automatic shutdown
Non-contact voltage detection


Similar Part No. - PCE-DC50

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-DC1 PCE-PCE-DC1 Datasheet
163Kb / 2P
Current Clamp PCE-DC1
PCE-DC1-ICA PCE-PCE-DC1-ICA Datasheet
873Kb / 2P
Digital Multimeter PCE-DC1-ICA Incl. ISO Calibration Certificate
PCE-DC2 PCE-PCE-DC2 Datasheet
393Kb / 2P
Technical Specification Clamp Meter PCE-DC 2
PCE-DC3 PCE-PCE-DC3 Datasheet
181Kb / 2P
Clamp Meter PCE-DC3
PCE-DC3-ICA PCE-PCE-DC3-ICA Datasheet
191Kb / 2P
Clamp on Tester PCE-DC3-ICA incl. ISO CalibrationCertificate
More results

Similar Description - PCE-DC50

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MN15A EXTECH-MN15A Datasheet
321Kb / 12P
Mini Digital Multimeter
logo
Agilent(Hewlett-Packard...
U1241A HP-U1241A Datasheet
371Kb / 6P
U1241A/U1242A Handheld Digital Multimeter
U1230 HP-U1230 Datasheet
327Kb / 10P
Handheld Digital Multimeter (DMM)
logo
Keysight Technologies
U2741A KEYSIGHT-U2741A Datasheet
1Mb / 11P
USB Modular Digital Multimeter
34401A KEYSIGHT-34401A Datasheet
863Kb / 6P
34401A Digital Multimeter
U3606A KEYSIGHT-U3606A Datasheet
349Kb / 14P
Multimeter|DC Power Supply
M9181A KEYSIGHT-M9181A Datasheet
251Kb / 8P
M9181A PXI Digital Multimeter
logo
TEKTRONIX, INC.
DMM4040 TEKTRONIX-DMM4040 Datasheet
2Mb / 112P
Digital Multimeter
logo
List of Unclassifed Man...
D35 ETC-D35 Datasheet
215Kb / 2P
Bluetooth Digital Multimeter
OW18D ETC-OW18D Datasheet
523Kb / 1P
Bluetooth Digital Multimeter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com