Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-DC50 Datasheet(PDF) 3 Page - PCE Instruments.

Part # PCE-DC50
Description  Digital Multimeter PCE-DC 50
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DC50 Datasheet(HTML) 3 Page - PCE Instruments.

  PCE-DC50 Datasheet HTML 1Page - PCE Instruments. PCE-DC50 Datasheet HTML 2Page - PCE Instruments. PCE-DC50 Datasheet HTML 3Page - PCE Instruments. PCE-DC50 Datasheet HTML 4Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
 
Note: The accuracy specification for AC V measurements refers to the range of
5% to 100% of the measuring range
 
 
 
Capacitance measurement
 
 
Measuring range
Resolutio
n
Accuracy (by Mw.)
500 nF
0.01
± (3.5% + 40 digits)
5000 nF
0.1
± (3.5% + 10 digits)
50 μF
0.001
± (3.5% + 10 digits)
500 μF
0.01
± (3.5% + 10 digits)
5mF
0.0001
± (5% + 10 digits)
 
 
 
Frequency measurement
 
 
Measuring range
Resolutio
n
Accuracy (by Mw.)
50 Hz
0.001
± (0.3% + 2 digits)
500 Hz
0.01
± (0.3% + 2 digits)
5 kHz
0.0001
± (0.3% + 2 digits)
50 khz
0.001
± (0.3% + 2 digits)
500 kHz
0.01
± (0.3% + 2 digits)
5 Mhz
0.0001
± (0.3% + 2 digits)
10 MHz
0.001
± (0.3% + 2 digits)
 
 
 
Duty cycle
 
 
Measuring range
Resolutio
n
Accuracy (by Mw.)
5% ... 95%
0.1
± (1% + 2 digits) (from the
measured value)
 
 
 
Pulse width: 100 μs ... 100 ms 
 
 
Frequency: 10 Hz ... 10 kHz
 
 
 
 
 
Temperature
 
 
Measuring range
Resolutio
n
Accuracy (by Mw.)
-100°C ... 1000°C / -148 ... 1832°F
0.1
± (1% + 2.5°C / 4.5°F)
 
 
 
General technical data
 
 
Conductor diameter
Max. 48 mm
Display
Two lines 50,000 digits
Continuity test
50 ohms / < 50-mA
Diode test
0.3-mA / 2.8V DC
Battery indicator
Battery icon when battery low
Overrange
OL, if measuring range exceeded
Sample rate
2 Hz
Interface
Bluetooth
Peak detection
> 1 ms
Thermocouple
Type K
Fuse
500-mA ceramic quick-acting
AC bandwidth (AC A / AC V)
50 Hz ... 400 Hz
AC measurement
True RMS
 
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com