Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE830 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE830
Description  3- Phase-Power Data Logger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE830 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE830 Datasheet HTML 1Page - PCE Instruments. PCE830 Datasheet HTML 2Page - PCE Instruments. PCE830 Datasheet HTML 3Page - PCE Instruments. PCE830 Datasheet HTML 4Page - PCE Instruments. PCE830 Datasheet HTML 5Page - PCE Instruments. PCE830 Datasheet HTML 6Page - PCE Instruments. PCE830 Datasheet HTML 7Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DATA SHEET
© PCE Instruments
3 phases, measures power and analyses harmonics, with memory, interface and sofware
The PCE-830 power and harmonics analyser is used for measuring one to three phases of
electrical quantities for alternating current (AC). This power and harmonics analyser also measures
such parameters as voltage, current, frequency, harmonics and power as well as indicting,
according to standard EN50160, harmonic values, interharmonics and asymmetrics. Interferences,
such as interruptions, leaks, overloads or transience (from 16µs), are detected with their
corresponding values. The backlit LCD, with high resolution, can show up to 35 parameters
simultaneously. It can have up to 3 clips attached at the same time. In the data logger mode, it can
save up to 17,470 readings (3 phases / 4 conductors) and in a simpler set-up (1 fase / 2
conductores) it can save up to 52,400 readings, split into 85 groups. All this makes the PCE-830
power analyser the ideal instrument for taking measurements over long periods of time.
Measurement values obtained can be sent to a computer and be processed with the analysis
siftware which comes included. The device comes with everything needed to measure and analyse
from the moment the device arrives.
- Analysis of a network of 3 phases/4 conductors, 3 phases/3 conductors, 1 phase/2 conductors, 1
phase/3 conductors
- Measures effective real value (V 123 and I 123)
- Measures active power (W, KW, MW, GW)
- Measures apparent and reactive power (KVA, KVAR)
- Power Factor (PF), phase angle (Φ)
- Measures energy and work (Wh, KWh, KVARh, PFh)
- Measures current from 0.1mA to 3000A, allowing for the reserve power of a factory to be
determined
- Large LCD that shows up to 35 parameters simultaneously (3P4W [=3 phases/4 conductors])
- CT conditions (1 to 600) and PT (1 to 3000) are programmable
- Indicates current wave forms and voltage overlap
- 512KB of memory with programmable intervals to save data every 2 to 3000 seconds, 17,470
readings using the system of 3 phases / 4 conductors)
- Indicates wave forms, efficiency parameters and harmonic distortion
- Backlit LCD wth dot matrix
- Average power (AD in W, KW, MW)
- Maximum power (MD in W, KW, MW) with the programmable period
- Analysis of harmonic distortion up to a curvature of 99
- Indication of up to 50º form of harmonic wave
- Indication of the wave form with maximum value (1024 readings / period)
- Analysis of absolute distortion (%THD-F)
- Diagram of graphic equilibrium with parameters of a 3 phase system
- Detects up to 28 transistors (time and cycles) with a programmable threshold (%)
- Relation of 3 phases of voltage or asymmetrical current (VUR)
- Factor of 3 phases of voltage and asymmetrical current (d0%, d2%)
- USB port (optically insulated)
- Integrated timer and calendar to record data
- Maximum diameter of the electrical conductor for the amp clamp: the PCE-6801 ~30mm, PCE-
6802 ~55mm, PCE-3007 ~170mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com