Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE830 Datasheet(PDF) 4 Page - PCE Instruments.

Part # PCE830
Description  3- Phase-Power Data Logger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE830 Datasheet(HTML) 4 Page - PCE Instruments.

  PCE830 Datasheet HTML 1Page - PCE Instruments. PCE830 Datasheet HTML 2Page - PCE Instruments. PCE830 Datasheet HTML 3Page - PCE Instruments. PCE830 Datasheet HTML 4Page - PCE Instruments. PCE830 Datasheet HTML 5Page - PCE Instruments. PCE830 Datasheet HTML 6Page - PCE Instruments. PCE830 Datasheet HTML 7Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DATA SHEET
© PCE Instruments
PCE-830 + PCE-3007
Harmonics of AC current in %
1 to 10º / 0.1% / ±2%
21 to 49º / 0.1% / ±6%
50 to 99º / 0.1% / ±10%
PCE-830 + PCE6801 / PCE-830 + PCE-6802
Power Factor (PF)
0.00 to 1.00 / 0.01 / ±0.04
PCE-830 + PCE3007
Power Factor (PF)
0.000 to 1,000 / 0.001 / ±0.04
PCE-830 + PCE6801 / PCE-830 + PCE-6802
Phase angle (Phi)
-180° to 180° / 0.1° / ±1°
PCE-830 + PCE3007
Phase angle (Phi)
0° to 180° / 0.1° / ±2°
PCE-830 + PCE-6801
Total harmonic distortion
0.0 to 20.0% / 0.1% / ±1%
20.0 to 100% / 0.1% / ±3% of reading ±5%
100 to 999.9% / 0.1% / ±10% of reading ±10%
PCE-830 + PCE-6802
Total harmonic distortion
0.0 to 20.0% / 0.1% / ±2%
20.0 to 100% / 0.1% / ±6% of reading ±1%
100 to 999.9% / 0.1% / ±10% of reading ±1%
PCE-830 + PCE-3007
Total harmonic distortion
0.0 to 20.0% / 0.1% / ±2%
20.0 to 100% / 0.1% / ±6% of reading ±1%
100 to 999.9% / 0.1% / ±10% of reading ±1%
Maximum measurement of AC voltage and
current
50Hz / 19µS / ±5% ±30 digits
60Hz / 16µS / ±5% ±30 digits
Peak value measurement of AC voltage and
current
1.00 to 99.99 / 0.01 / ±5% ±30 digits
Frequency range in automatic mode
45 to 65Hz / 0.1Hz / 0.1Hz
Memory
512kB for a maximum 52,420 readings taken by
1 phase / 2 conductors
Port
USB
Software and cable
included, for Windows 2000, XP, ME
Display
backlit LCD with dot matrix
Power
8 AA batteries(Mignon)
Dimensions
257 x 155 x 57mm
Weight
1,160g
Operating conditions
max. 85% relative humidity / -10 to 50ºC
Type of protection / standards
IEC 61010, 600 V/CAT III



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com