Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE830 Datasheet(PDF) 3 Page - PCE Instruments.

Part # PCE830
Description  3- Phase-Power Data Logger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE830 Datasheet(HTML) 3 Page - PCE Instruments.

  PCE830 Datasheet HTML 1Page - PCE Instruments. PCE830 Datasheet HTML 2Page - PCE Instruments. PCE830 Datasheet HTML 3Page - PCE Instruments. PCE830 Datasheet HTML 4Page - PCE Instruments. PCE830 Datasheet HTML 5Page - PCE Instruments. PCE830 Datasheet HTML 6Page - PCE Instruments. PCE830 Datasheet HTML 7Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DATA SHEET
© PCE Instruments
Technical specifications
Measurement values
Measurement ranges / resolution / accuracy
PCE-830 + PCE-6801
Watts AC (50 or 60Hz, PF 0.5 up to 1)
5.0 to 999.9W / 0.1W / ±1% ±0.8W
1,000 to 9,999kW / 0.001kW / ±1% ±8W
10.00 to 99.99kW / 0.01kW / ±1% ±80W
100.0 to 999.9kW / 0.1kW / ±1% ±0.8kW
1,000 to 9,999kW / 1kW / ±1% ±8kW
PCE-830 + PCE-6802
Watts AC (50 or 60Hz, PF 0.5 up to 1)
5.0 to 999.9W / 0.1W / ±1% ±0.8W
1,000 to 9.999kW / 0.001kW / ±1% ±8W
10.00 to 99.99kW / 0.01kW / ±1% ±80W
100.0 to 999.9kW / 0.1kW / ±1% ±0.8kW
1,000 to 9,999kW / 1kW / ±1% ±8kW
0.000 to 9.999MW / 0.001MW / ±1% ±80kW
PCE-830 + PCE-3007
Watts AC (50 or 60Hz, PF 0.5 up to 1)
10.0 to 999.9W / 0.1W / ±1% of measurement
range
1,000 to 9.999kW / 0.001kW / ±1% of
measurement range
10.00 to 99.99kW / 0.01kW / ±1% of
measurement range
100.0 to 999.9kW / 0.1kW / ±1% of
measurement range
1,000 to 9,999kW / 1kW / ±1% of measurement
range
PCE-830 + PCE-6801
Current AC (50 or 60Hz, auto range select,
TRMS)
0.04A to 1A / 0.001A / ±0.5% ±0.05A
0.4A to 10.0A / 0.01A / ±0.5% ±0.05A
4A to 100.0A / 0.1A / ±1.0% ±0.5A
PCE-830 + PCE-6802
Current AC (50 or 60Hz, auto range select,
TRMS)
10.00A / 0.01A /
4A to 100.0A / 0.01A / ±0.5% ±0.5A
40A to 1000.0A / 0.1A / ±0.5% ±5A
PCE-830 + PCE-3007
Current AC (50 or 60Hz, auto range select,
TRMS)
0 to 300A / 0.1A / ±1.0% of measurement range
300.0 to 999.9A / 0.1A / ±1.0% of measurement
range
1,000 to 3,000A / 1A / ±1.0% of measurement
range
Voltage AC (50 or 60Hz, TRMS)
20.0 ... 500.0 V / 0,1 V / ±0,5 % ±5 digits
(grounded)
20.0 ... 600.0 V / 0,1 V / ±0,5 % ±5 digits
(phase to phase)
Harmonic distortion of AC voltage
1 to 20º / 0.1% / ±1.0%
21 to 49º / 0.1% / 4% of reading ±2.0%
50 to 99º / 0.1% / 6% of reading ±2.0%
PCE-830 + PCE-6801
Harmonics of AC current in %
1 to 20º / 0.1% / ±0.2% of reading ±1.0%
11 to 20º / 0.1% / ±2% of reading ±1.0%
21 to 50º (A)/ 0.1% / ±5% of reading ±1.0%
21 to 50º (mA)/ 0.1% / ±10% of reading ±1.0%
51 to 99º / 0.1% / ±35% of reading ±1.0%
PCE-830 + PCE-6802
Harmonics of AC current in %
1 to 10º / 0.1% / ±2%
21 to 49º / 0.1% / 4% of reading ±2.0%
50 to 99º / 0.1% / 6% of reading ±2.0%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com