Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE830 Datasheet(PDF) 5 Page - PCE Instruments.

Part # PCE830
Description  3- Phase-Power Data Logger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE830 Datasheet(HTML) 5 Page - PCE Instruments.

  PCE830 Datasheet HTML 1Page - PCE Instruments. PCE830 Datasheet HTML 2Page - PCE Instruments. PCE830 Datasheet HTML 3Page - PCE Instruments. PCE830 Datasheet HTML 4Page - PCE Instruments. PCE830 Datasheet HTML 5Page - PCE Instruments. PCE830 Datasheet HTML 6Page - PCE Instruments. PCE830 Datasheet HTML 7Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DATA SHEET
© PCE Instruments
Set 1:
PCE-830 + PCE-6801 amp clamp (100A)
- Electrical conductor pick-up: 30mm diameter
- Range selection: manual (1A, 10A, 100A)
- Dimensions: 210 x 62 x 36mm
- Weight: 200g
Set 2:
PCE-830 + PCE-6802 amp clamp (1000A)
- Electrical conductor pick-up: 55mm diameter
- Range selection: manual (10A, 100A, 1,000A)
- Dimensions: 244 x 97 x 46mm
- Weight: 600g
Set 3:
PCE-830 + PCE-3007 flexible amp clamp
(3000A)
- Electrical conductor pick-up: 170mm diameter
- Minimum radial curve : 35mm
- Length of electrical conductor: 610mm
- Diameter of electrical conductor: 14mm
- Dimensions (Box): 130 x 80 x 43mm
- Weight: 410g
Outline of the PCE-830



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com