Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3316T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCD3316T
Description  Caller-ID on Call Waiting CIDCW receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3316T Datasheet(HTML) 4 Page - NXP Semiconductors

  PCD3316T Datasheet HTML 1Page - NXP Semiconductors PCD3316T Datasheet HTML 2Page - NXP Semiconductors PCD3316T Datasheet HTML 3Page - NXP Semiconductors PCD3316T Datasheet HTML 4Page - NXP Semiconductors PCD3316T Datasheet HTML 5Page - NXP Semiconductors PCD3316T Datasheet HTML 6Page - NXP Semiconductors PCD3316T Datasheet HTML 7Page - NXP Semiconductors PCD3316T Datasheet HTML 8Page - NXP Semiconductors PCD3316T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Philips Semiconductors
PCD3316
CIDCW receiver
Product specification
11 March 1999
4 of 30
9397 750 04824
© Philips Electronics N.V. 1999. All rights reserved.
6.2 Pin description
7.
Functional description
7.1 Preprocessor and analog inputs
The preprocessor for the CAS detection and the FSK receiver incorporates an
Analog-to-Digital Converter (ADC) and a digital bandpass filter.
The LOWBAT input of the PCD3316 can be used for low battery detection. The
voltage on the LOWBAT pin is compared with an internal voltage reference circuit.
When the LOWBAT voltage drops below the reference voltage, the Status register,
bit 5 is set to logic 1.
The PCD3316 can be forced in a Power-down state by switching off the 3.58 MHz
system clock and the ADC. This is done by setting Mode register 2, bit 7 (CIDMD2.7)
to logic 0. To guarantee correct operation the following order of actions must be
performed (see also Section 7.8 about interrupts):
1. Switch off CAS and FSK detection (if turned on)
2. Read the interrupt register (thus clearing pending interrupts generated by the
CAS and FSK detector)
3. Switch off the 3.58 MHz oscillator by clearing bit 7 of Mode register 2.
The two low power comparators (inputs POL0 and POL1) and the 32.768 kHz clock
are always active.
Table 2:
Pin description
Symbol
Pin
I/O
Description
HXIN
1
I
3.58 MHz crystal oscillator input
HXOUT
2
O
3.58 MHz crystal oscillator output
IRQ
3
O
interrupt output; programmable active HIGH or active LOW
SCL
4
I
serial clock line of I2C-bus
SDA
5
I/O
serial data line of I2C-bus
LXIN
6
I
32.768 kHz crystal oscillator input
LXOUT
7
O
32.768 kHz crystal oscillator output
DGND
8
−
digital ground
AGND
9
−
analog ground
POL1
10
I
polarity detector input 1
POL0
11
I
polarity detector input 0
LOWBAT
12
I
low battery detector input
CASIN
13
I
input pin for CAS signal
FSKIN
−
14
I
negative input for FSK signal
FSKIN+
15
I
positive input for FSK signal
VDD
16
−
supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com