Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3316T Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCD3316T
Description  Caller-ID on Call Waiting CIDCW receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3316T Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCD3316T Datasheet HTML 18Page - NXP Semiconductors PCD3316T Datasheet HTML 19Page - NXP Semiconductors PCD3316T Datasheet HTML 20Page - NXP Semiconductors PCD3316T Datasheet HTML 21Page - NXP Semiconductors PCD3316T Datasheet HTML 22Page - NXP Semiconductors PCD3316T Datasheet HTML 23Page - NXP Semiconductors PCD3316T Datasheet HTML 24Page - NXP Semiconductors PCD3316T Datasheet HTML 25Page - NXP Semiconductors PCD3316T Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
A demo-board (OM5843) of this configuration is available. Please contact your Philips sales office.
(1)
See Figure 16a.
(2)
See Figure 16b.
Fig 15. Application diagram for a telephone with CID/CIDCW functionality.
MGK722
RINGER/
INTERRUPTER
TRANSMISSION IC
MICRO CONTROLLER
LCD
CID/CIDCW RECEIVER
PCD3316
ATTENNUATION(1)
ATTENNUATION(1)
CAS FILTER(2)
32.768 kHz
3.58 MHz
LXIN
LXOUT
HXOUT
HXIN
BATTERIES
VDD
LOWBAT
2
2
POL1/0
FSKIN
+/−
CASIN
IRQ
TONE
VBAT
VDD
VBAT
QR
IRQ
KEYBOARD
VDD
VDD
fxtal
I2C-bus
a/b
b/a
CSI
TONE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com