Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3316T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCD3316T
Description  Caller-ID on Call Waiting CIDCW receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3316T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCD3316T Datasheet HTML 4Page - NXP Semiconductors PCD3316T Datasheet HTML 5Page - NXP Semiconductors PCD3316T Datasheet HTML 6Page - NXP Semiconductors PCD3316T Datasheet HTML 7Page - NXP Semiconductors PCD3316T Datasheet HTML 8Page - NXP Semiconductors PCD3316T Datasheet HTML 9Page - NXP Semiconductors PCD3316T Datasheet HTML 10Page - NXP Semiconductors PCD3316T Datasheet HTML 11Page - NXP Semiconductors PCD3316T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Philips Semiconductors
PCD3316
CIDCW receiver
Product specification
11 March 1999
8 of 30
9397 750 04824
© Philips Electronics N.V. 1999. All rights reserved.
7.9 The internal Power-on reset (POR)
The device contains an on-chip Power-on reset circuitry which activates a reset as
long as VDD is below a predefined level VPOR(H). If VDD exceeds VPOR(H), the
3.58 MHz oscillator will start. The PCD3316 is initialized and the internal registers are
set to the default value (see Section 7.13). It takes a maximum of 100 cycles of the
3.58 MHz clock to initialize all internal functions. The POR circuitry also ensures, that
the chip will be switched off as soon as a falling VDD reaches a predefined level
(VPOR(L)).
7.10 3.58 MHz oscillator circuitry
The 3.58 MHz oscillator is needed for the FSK receiver and the CAS detection. This
on-chip Amplitude Controlled Oscillator (ACO) circuitry is a single-stage inverting
amplifier biased by an internal feedback resistor Rfb. The oscillator circuit is shown in
Figure 5. When using a quartz resonator to drive the oscillator, normally no external
components are needed.
When using ceramic resonators to drive the oscillator, in some cases external
components are needed; refer to the ceramic resonator product specifications. Two
different configurations are shown in Figure 6a and Figure 6b.
To drive the device with an external clock source, apply the external clock signal to
HXIN, and leave HXOUT to float, as shown in Figure 6c. If the amplitude of the input
signal is less than VDD to DGND or a sine wave is applied, capacitive decoupling is
needed as shown in Figure 6d.
In the Power-down mode (Mode register 2, bit 7 = 0), the oscillator is stopped and
HXIN and HXOUT are internally pulled LOW. The current of the whole oscillator is
switched off.
Fig 5.
Oscillator.
handbook, halfpage
MGK723
C1i
C1e
C2i
C2e
Rfb
AMPLITUDE
CONTROL
on/off
PCD3316
HXOUT
HXIN
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com