Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3316T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCD3316T
Description  Caller-ID on Call Waiting CIDCW receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3316T Datasheet(HTML) 3 Page - NXP Semiconductors

  PCD3316T Datasheet HTML 1Page - NXP Semiconductors PCD3316T Datasheet HTML 2Page - NXP Semiconductors PCD3316T Datasheet HTML 3Page - NXP Semiconductors PCD3316T Datasheet HTML 4Page - NXP Semiconductors PCD3316T Datasheet HTML 5Page - NXP Semiconductors PCD3316T Datasheet HTML 6Page - NXP Semiconductors PCD3316T Datasheet HTML 7Page - NXP Semiconductors PCD3316T Datasheet HTML 8Page - NXP Semiconductors PCD3316T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Philips Semiconductors
PCD3316
CIDCW receiver
Product specification
11 March 1999
3 of 30
9397 750 04824
© Philips Electronics N.V. 1999. All rights reserved.
5.
Block diagram
6.
Pinning information
6.1 Pinning
Fig 1.
Block diagram.
handbook, full pagewidth
MBH983
3.58 MHz
OSCILLATOR
TIMING
PREPROCESSOR
PCD3316
LEVEL
DETECT
POR
TIME
BASE
VOLTAGE
REFERENCE
CAS
I2C-BUS
INTERFACE
32.768 kHz
OSCILLATOR
CONTROL
FSK
4
5
6
LXIN
LXOUT
SDA
SCL
7
3
IRQ
VDD
DGND
12
16
11
10
89
AGND
1
HXIN
13
CASIN
14
FSKIN
−
15
FSKIN
+
2
HXOUT
LOWBAT
POL0
POL1
Fig 2.
Pin configuration.
handbook, halfpage
MBH980
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PCD3316
HXIN
VDD
HXOUT
FSKIN
+
IRQ
FSKIN
−
SCL
CASIN
SDA
LOWBAT
LXIN
POL0
LXOUT
POL1
DGND
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com