Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1 Datasheet(PDF) 3 Page - DANFOSS POWER SOLUTIONS

Part # JS1
Description  Joystick JS1 Heavy Duty Joysticks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS

JS1 Datasheet(HTML) 3 Page - DANFOSS POWER SOLUTIONS

  JS1 Datasheet HTML 1Page - DANFOSS POWER SOLUTIONS JS1 Datasheet HTML 2Page - DANFOSS POWER SOLUTIONS JS1 Datasheet HTML 3Page - DANFOSS POWER SOLUTIONS JS1 Datasheet HTML 4Page - DANFOSS POWER SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Mechanical characteristics
Shaft mechanical angle limits
± 18˚
Base mechanical life
Single axis with friction = 1 million full operating cycles
Single axis and dual axis with spring return = 2.0 million full operating cycles
Dual axis with spring in one axis, friction in one axis = 1 million full operating cycles
Maximum force on handle
1000 N
Maximum torque
15 Nm
Base only mass
0.75 kg (1.65 lbf)
Weight (base without grip)
725 G (1.8 lb)
Vertical maximum load
2500 N (560 lbs)
Electrical—PVE (Standard and Extended) characteristics
Supply voltages
UDC
9 to 36 VDC
Maximum current consumption
8 A
Current consumption, no load
150 mA
Maximum load for push buttons and directional switches for all proportional functions
0.6 A
Neutral position switch
3 A
Sensor type
Hall effect with redundant sensors
Potentiometer
Signal voltage US
Minimum to maximum
0.25 to 0.75
Neutral position
0.50
Signal load in neutral position
Load type
PVE
Other
Load impedance
>6 kΩ
>15 kΩ
Signal current at maximum movement
UDC = 12 V
6 kΩ
15 kΩ
± 0.6 mA
0.2 to 0.6 mA
UDC= 24 V
± 1.2 mA
0.4 to 1.2 mA
Signal current in neutral position
UDC = 12 V
± 0 mA
± 0.4 mA
UDC = 24 V
± 0 mA
± 0.8 mA
Inverter
Non inverted
Output signal = Us
Inverted
Output signal = -1 x (Us -0.5 x U+) + 0.5 x U
+
Electrical—PVE (Extended only) characteristics
Signal regulation Us
Us Minimum (50%)
0.37 to 0.63 at 100% movement
U+ Maximum (200%)
0.25 to 0.75 at 50% movement
Dead band compensation
Us Minimum
0.00
U+ Maximum
0.06
Electrical—Analog Cat 1, Cat 3 characteristics
Sensor type
Hall effect with redundant sensors
Supply voltage (Vs)
4.5 to 5.5 VDC
Output
10 to 90% of input voltage
Output impedance
1 mA max output current at 200 Ohm output impedance
Digital outputs
Vs-0.3 VDC, maximum current 100 mA
Data Sheet
JS1 Heavy Duty Joysticks
© Danfoss | March 2019
AI00000239en-000901 | 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com