Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1 Datasheet(PDF) 2 Page - DANFOSS POWER SOLUTIONS

Part # JS1
Description  Joystick JS1 Heavy Duty Joysticks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS

JS1 Datasheet(HTML) 2 Page - DANFOSS POWER SOLUTIONS

  JS1 Datasheet HTML 1Page - DANFOSS POWER SOLUTIONS JS1 Datasheet HTML 2Page - DANFOSS POWER SOLUTIONS JS1 Datasheet HTML 3Page - DANFOSS POWER SOLUTIONS JS1 Datasheet HTML 4Page - DANFOSS POWER SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dimensions in millimeters [inches]
10.00 [0.39]
68.80 [2.71]
Ø 72.60 [2.86]
150.00 [5.90]
145.00 [5.73]
18°
18°
88.00 ± 0.05 [3.46 ± 0.002]
Ø 6.00 [0.24]
45.00
[1.77]
90.00 [3.54]
18°
18°
Ø 75.80 [2.98]
10.00 [0.39]
68.80 [2.71]
Ø 72.60 [2.86]
Ø 72.60 [2.86]
68.80 [2.71]
10.00 [0.39]
Ø 75.80 [2.98]
18
18°
166.00 [6.55]
190.00 [7.48]
HR1
ST2
PR2
ST7
PR7
190.00 [7.48 ]
18° 18°
Ø 75.80 [2.98]
10.00 [0.39]
68.80 [2.71]
Ø 72.60 [2.86]
10.00 [0.39]
68.80 [2.71]
Ø 72.60 [2.86]
195.20 [7.69]
18°
18°
1
2
143.00 [5.63]
43.70 [01.72]
1.
Bottom view
2.
Cable harness (included) based on specific options, see JS1 Heavy Duty Joysticks Technical Information, BC00000347
Spring return, base only
Breakout load on axis
Standard duty spring: 6 to 8.5 N (3.37 to 5.71 lbf)
Heavy duty spring: 12 to 19 N (2.698 to 4.271 lbf)
Friction hold, base only
Friction level
Friction
Center detent
A
Low friction-Low detent
0.8 Nm
1.5 Nm
B
Low friction-High detent
0.8 Nm
2.0 Nm
C
High friction-High detent
1.6 Nm
3.0 Nm
Friction hold/Spring return, base only
Friction level
Spring type
E
A
Standard
J
A
Heavy
Data Sheet
JS1 Heavy Duty Joysticks
2 | © Danfoss | March 2019
AI00000239en-000901



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com