Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1 Datasheet(PDF) 1 Page - DANFOSS POWER SOLUTIONS

Part # JS1
Description  Joystick JS1 Heavy Duty Joysticks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS

JS1 Datasheet(HTML) 1 Page - DANFOSS POWER SOLUTIONS

  JS1 Datasheet HTML 1Page - DANFOSS POWER SOLUTIONS JS1 Datasheet HTML 2Page - DANFOSS POWER SOLUTIONS JS1 Datasheet HTML 3Page - DANFOSS POWER SOLUTIONS JS1 Datasheet HTML 4Page - DANFOSS POWER SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Mobile Machine Management
The JS1 Heavy Duty Joysticks (JS1-H) portfolio is a
modular joystick design that allows complete grip
and base configuration for efficient control of any
machine. The heavy duty design will result in
extended life for years of reliable operation.
Five different heavy duty grips can be paired with the
JS1-H base to offer the operator complete comfort.
Each of the grips can be configured with a
comprehensive portfolio of finger functions for true
customization.
The JS1-H base incorporates proven Danfoss design
elements and builds on the PLUS+1
®
architecture.
Several options are available for the electrical and
mechanical output so the joystick can be tailored for a
positive human machine interaction. The JS1-H base
is designed to be dependable and reliable for the
extreme and harsh conditions of the mobile machine
environment.
Features
• Hall effect with two sensors per axis or
long life potentiometer position sensing
• Simultaneous operation of two
proportional rollers
• Operator Presence switch
Options
Axis
• Dual Axis Spring Return
• Single Axis Spring Return
• Single Axis with Friction
• Dual Axis with one axis Spring, one axis
Friction
Output options
• CAN J1939
• CANopen
• PVE
• CANalog
• CAN+
• Analog Category 1
• Analog Category 3
• PWM (programmable)
Ergonomic grip
• Right hand
• Left hand
• Ambidextrous (used with either the left
or right hand)
On axis shaft, deflection
• ±18°
JS1-H grips
• HR1
• ST2
• ST7
• PR2
• PR7
Comprehensive technical literature is
online at www.danfoss.com
Data Sheet
Joystick
JS1 Heavy Duty Joysticks
© Danfoss | March 2019
AI00000239en-000901 | 1


Similar Part No. - JS1

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JS1-12 NAIS-JS1-12 Datasheet
70Kb / 3P
ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
JS1-12V NAIS-JS1-12V Datasheet
70Kb / 3P
ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
logo
Panasonic Semiconductor
JS1-12V-F PANASONIC-JS1-12V-F Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays Surge voltage 6 kV type also available
JS1-12V-F PANASONIC-JS1-12V-F Datasheet
102Kb / 5P
1a/1c 10A cubic type power relays
JS1-12V-F PANASONIC-JS1-12V-F Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays
More results

Similar Description - JS1

ManufacturerPart #DatasheetDescription
logo
Energizer
1235 ENERGIZER-1235 Datasheet
146Kb / 2P
SUPER HEAVY DUTY
logo
ITT Industries
AJ3 ITT-AJ3 Datasheet
123Kb / 6P
AJ3 Joystick for Heavy Duty Applications
logo
Extech Instruments Corp...
407026 EXTECH-407026 Datasheet
537Kb / 8P
Heavy Duty Meter
logo
List of Unclassifed Man...
BU-24APN ETC2-BU-24APN Datasheet
49Kb / 1P
Heavy Duty Clip
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
Heavy duty applications
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
HEAVY DUTY RELAY
OEN53PT OENINDIA-OEN53PT Datasheet
542Kb / 2P
HEAVY DUTY RELAY
logo
Energizer
1151 ENERGIZER-1151 Datasheet
585Kb / 1P
Heavy Duty Flashlight
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
Heavy Duty Flashlight
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com