Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1 Datasheet(PDF) 4 Page - DANFOSS POWER SOLUTIONS

Part # JS1
Description  Joystick JS1 Heavy Duty Joysticks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANFOSS [DANFOSS POWER SOLUTIONS]
Direct Link  https://www.danfoss.com/en-us/
Logo DANFOSS - DANFOSS POWER SOLUTIONS

JS1 Datasheet(HTML) 4 Page - DANFOSS POWER SOLUTIONS

  JS1 Datasheet HTML 1Page - DANFOSS POWER SOLUTIONS JS1 Datasheet HTML 2Page - DANFOSS POWER SOLUTIONS JS1 Datasheet HTML 3Page - DANFOSS POWER SOLUTIONS JS1 Datasheet HTML 4Page - DANFOSS POWER SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Electrical—CAN, CAN+, and CANalog characteristics
Sensor type
Hall effect with redundant sensors
Potentiometer
Resolution
12 bit
Supply voltage (Vs)
9 to 36 VDC
Output
J1939 and CANopen protocols
Can+ Sensor Power
5.0 VDC +/- 5% at 250 mA
CANalog volt reference
5.0 VDC +/- 5% at 50 mA
Base maximum current consumption
120 mA at 9 V
CANalog analog outputs
0.5 to 4.5 VDC at 1 mA max
Electrical—PWM (programmable) characteristics
Sensor type
Hall effect with redundant sensors
Potentiometer
Resolution
12 bit
Supply voltage (Vs)
9 to 36 Vdc
Current consumption, no load
120 mA
Maximum current consumption
15 A
Outputs (3 amps)
PWM(4)
Digital(2)
Environmental characteristics
Operating temperature
CAN, CANalog, CAN+, Analog Cat1, Analog Cat3,
PWM
-30° C to 80° C (-22° F to 176° F)
PVE
-30° C to 70° C (-22° F to 158° F)
Storage temperature
-40° C to 85° C (-40° F to 185° F)
EMI/RFI rating
150 V/m
Vibration
25 G, 10 ms, 500 bumps in each of 6 directions
IEC 60068-2-29 test Eb
Shock
50 G, 11 ms, 3 shocks in each of 6 directions
IEC 60068-2-29 test Ea
Ingress Protection (IP) rating
Up to IP 66 (dependent on grip sealing selected)
JS1-H part numbers, refer to: JS1 Heavy Duty Joystick Family Technical Information, BC00000347.
Danfoss connector bag assemblies part numbers (Must be ordered separately from joystick)
Description
Danfoss part number
One 6 pin DEUTSCH connector
10101551
Two 6 pin DEUTSCH connectors
11177980
Two 12 pin DEUTSCH connectors (GRY/BLK)
10100945
Two 12 pin and One 6 pin DEUTSCH connectors (GRY/BLK)
11176538
Danfoss can accept no responsibility for possible errors in catalogues, brochures and other printed material. Danfoss reserves the right to alter its products without notice. This also applies to products
already on order provided that such alterations can be made without subsequent changes being necessary in specifications already agreed.
All trademarks in this material are property of the respective companies. Danfoss and the Danfoss logotype are trademarks of Danfoss A/S. All rights reserved.
4 | © Danfoss | March 2019
AI00000239en-000901



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com