Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5003 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCD5003
Description  Advanced POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5003 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCD5003 Datasheet HTML 9Page - NXP Semiconductors PCD5003 Datasheet HTML 10Page - NXP Semiconductors PCD5003 Datasheet HTML 11Page - NXP Semiconductors PCD5003 Datasheet HTML 12Page - NXP Semiconductors PCD5003 Datasheet HTML 13Page - NXP Semiconductors PCD5003 Datasheet HTML 14Page - NXP Semiconductors PCD5003 Datasheet HTML 15Page - NXP Semiconductors PCD5003 Datasheet HTML 16Page - NXP Semiconductors PCD5003 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
1997 Jun 24
13
Philips Semiconductors
Product specification
Advanced POCSAG Paging Decoder
PCD5003
Table 9
Call terminator bit identification
Note
1. The DF bit in the call terminator is set:
a) When any call data codeword in the terminating batch was uncorrectable, while in ‘data receive’ mode.
b) When the sync word at the start of the terminating batch did not match the standard POCSAG or a
user-programmed sync word, while in ‘data fail’ mode.
Table 10 Error type identification (note 1)
Note
1. POCSAG code allows a maximum of 3 bit errors to be detected per codeword.
BITS (MSB to LSB)
IDENTIFICATION
FT
forced call termination (1 = yes)
S3 to S1
identifier number of last sync word
DF
data fail mode indication (1 = data fail mode); note 1
E3 to E1
detected error type; see Table 10; E3 = 0 in a call terminator
E3
E2
E1
ERROR TYPE
NUMBER OF ERRORS
0
0
0
no errors - correct codeword
0
0
0
1
parity bit in error
1
0
1
0
single bit error
1 + parity
0
1
1
single bit error and parity error
1
1
0
0
not used
1
0
1
4-bit burst error and parity error
3 (e.g.1101)
1
1
0
2-bit random error
2
1
1
1
uncorrectable codeword
3 or more
Successful call termination occurs by reception of a valid
address codeword with less than 2 bit errors.
Unsuccessful termination occurs when sync word is not
detected while in ‘data fail’ mode.
It is generally possible to distinguish these two conditions
using the sync word identifier number (bits S3 to S1); the
identifier number will be non-zero for correct termination,
and zero for sync word failure.
Only when a call is received in ‘data fail’ mode and the call
is terminated before the end of the batch, is it not possible
to distinguish unsuccessful from correct termination.
Reception of message data can be terminated at any time
by transmitting a forced call termination command to the
control register via the I2C-bus. Any call received will then
be terminated immediately and ‘data fail’ mode will be
entered.
7.18
Receiver and oscillator control
A paging receiver and an RF oscillator circuit can be
controlled independently via enable outputs RXE and ROE
respectively. Their operating periods are optimized
according to the synchronization mode of the decoder.
Each enable signal has its own programmable
establishment time (see Table 11).
7.19
External receiver control and monitoring
An external controller may enable the receiver control
outputs continuously via an I2C-bus command, overruling
the normal enable pattern. Data reception continues
normally. This mode can be left by means of a reset or an
I2C-bus command.
External monitoring of the receiver control output RXE is
possible via bit D6 in the status register, when enabled via
the control register (D2 = 1). Each change of state of
output RXE will generate an external interrupt at
output INT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com