Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5003 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCD5003
Description  Advanced POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5003 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCD5003 Datasheet HTML 22Page - NXP Semiconductors PCD5003 Datasheet HTML 23Page - NXP Semiconductors PCD5003 Datasheet HTML 24Page - NXP Semiconductors PCD5003 Datasheet HTML 25Page - NXP Semiconductors PCD5003 Datasheet HTML 26Page - NXP Semiconductors PCD5003 Datasheet HTML 27Page - NXP Semiconductors PCD5003 Datasheet HTML 28Page - NXP Semiconductors PCD5003 Datasheet HTML 29Page - NXP Semiconductors PCD5003 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
1997 Jun 24
26
Philips Semiconductors
Product specification
Advanced POCSAG Paging Decoder
PCD5003
Table 22 Establishment time as a function of bit rate
Table 23 Special Programmed Functions (EEPROM address 02H)
Table 24 Special Programmed Functions (EEPROM address 03H)
NOMINAL
ESTABLISHMENT
TIME
ACTUAL ESTABLISHMENT TIME
512 bits/s
1024 bits/s
1200 bits/s
2400 bits/s
5 ms
5.9 ms (3 bits)
5.9 ms (6 bits)
5.0 ms (6 bits)
5.0 ms (12 bits)
10 ms
11.7 ms (6 bits)
11.7 ms (12 bits)
10.0 ms (12 bits)
10.0 ms (24 bits)
15 ms
15.6 ms (8 bits)
15.6 ms (16 bits)
16.7 ms (20 bits)
16.7 ms (40 bits)
20 ms
23.4 ms (12 bits)
23.4 ms (24 bits)
20.0 ms (24 bits)
20.0 ms (48 bits)
30 ms
31.2 ms (16 bits)
31.2 ms (32 bits)
26.7 ms (32 bits)
26.7 ms (64 bits)
40 ms
39.1 ms (20 bits)
39.1 ms (40 bits)
40.0 ms (48 bits)
40.0 ms (96 bits)
50 ms
46.9 ms (24 bits)
46.9 ms (48 bits)
53.3 ms (64 bits)
53.3 ms (128 bits)
BIT (MSB: D7)
VALUE
DESCRIPTION
D0
X
not used
D1
X
not used
D3 and D2
0 0
32768 Hz real time clock reference
0 1
50 Hz square-wave
1 0
2 Hz
1 1
1
⁄60 Hz
D4
1
signal test mode enabled (REF and INT outputs)
D5
0
burst error correction enabled
D7 and D6
X X
reserved for future use
BIT (MSB: D7)
VALUE
DESCRIPTION
D1 and D0
0 0
2048 Hz acoustic alerter frequency
0 1
2731 Hz
1 0
4096 Hz
1 1
3200 Hz
D2
1
automatic POCSAG alert generation enabled
D3
X
not used
D4
X
not used
D5
X
not used
D6
0
INT output polarity: active LOW
1
INT output polarity: active HIGH
D7
X
not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com