Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5003 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCD5003
Description  Advanced POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5003 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCD5003 Datasheet HTML 14Page - NXP Semiconductors PCD5003 Datasheet HTML 15Page - NXP Semiconductors PCD5003 Datasheet HTML 16Page - NXP Semiconductors PCD5003 Datasheet HTML 17Page - NXP Semiconductors PCD5003 Datasheet HTML 18Page - NXP Semiconductors PCD5003 Datasheet HTML 19Page - NXP Semiconductors PCD5003 Datasheet HTML 20Page - NXP Semiconductors PCD5003 Datasheet HTML 21Page - NXP Semiconductors PCD5003 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
1997 Jun 24
18
Philips Semiconductors
Product specification
Advanced POCSAG Paging Decoder
PCD5003
Table 14 Status register (00H; read)
Note
1. After a status read operation bits D3, D4 and D7 are always reset, bits D1 and D0 only when no second call is
pending. D2 is reset when the RAM is empty (read and write pointers equal).
Table 15 Control register (00H; write)
BIT(1)
VALUE
DESCRIPTION
D1 and D0
0 0
no new call data
0 1
new call received
1 0
reserved for future use
1 1
reserved for future use
D3 and D2
0 0
no data to be read (default after reset)
0 1
RAM read/write pointers different: data to be read
1 0
RAM read/write pointers equal: no more data to read
1 1
RAM buffer full or overflow
D4
1
alert time-out expired
D5
1
out-of-range
D6
1
BAT input HIGH or RXE output active (selected by control bit D2)
D7
1
periodic timer interrupt
BIT (MSB: D7)
VALUE
DESCRIPTION
D0
1
forced call termination (automatically reset after termination)
D1
1
EEPROM programming enable
D2
0
BAT input selected for monitoring (status bit D6)
1
RXE output selected for monitoring (status bit D6)
D3
1
receiver continuously enabled (RXE = 1, ROE = 1)
D4
0
decoder in OFF status (while DON = 0)
1
decoder in ON status
D5 to D7
X
not used: ignored when written
7.26
Pending interrupts
A secondary status register is used for storing status bits
of pending interrupts. This occurs:
• When a new call is received while the previous one was
not yet acknowledged by reading the status register
• When an interrupt occurs during a status read operation.
After completion of the status read the primary register is
loaded with the contents of the secondary register, which
is then reset. Next, an immediate interrupt is generated,
output INT becoming active 1 decoder clock cycle after it
was reset following the status read.
Remark: In the event of multiple pending calls, only the
status bits of the last call are retained.
7.27
Out-of-range Indication
The out-of-range condition occurs when entering fade
recovery or ‘carrier off’ mode. This condition is reflected in
bit D5 of the status register. The out-of-range condition is
reset when either preamble or a valid sync word is
detected.
The out-of-range bit (D5) in the status register is updated
each time the receiver is disabled (RXE
↓ 0). Every
change of state in bit D5 generates an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com