Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3755AT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCD3755AT
Description  8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3755AT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCD3755AT Datasheet HTML 3Page - NXP Semiconductors PCD3755AT Datasheet HTML 4Page - NXP Semiconductors PCD3755AT Datasheet HTML 5Page - NXP Semiconductors PCD3755AT Datasheet HTML 6Page - NXP Semiconductors PCD3755AT Datasheet HTML 7Page - NXP Semiconductors PCD3755AT Datasheet HTML 8Page - NXP Semiconductors PCD3755AT Datasheet HTML 9Page - NXP Semiconductors PCD3755AT Datasheet HTML 10Page - NXP Semiconductors PCD3755AT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
1997 Apr 16
7
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator,
8 kbytes OTP and 128 bytes EEPROM
PCD3755A; PCD3755E;
PCD3755F
6
FREQUENCY GENERATOR
A versatile frequency generator section is provided (see
Fig.4). For normal operation, use a 3.58 MHz quartz
crystal or PXE resonator. The frequency generator
includes precision circuitry for dual tone multifrequency
(DTMF) signals, which is typically used for tone dialling
telephone sets.
Their frequencies are provided in purely sinusoidal form on
the TONE output or as square waves on the P1.7/MDY
output.
The TONE output can alternatively issue twelve modem
frequencies for data rates between 300 and 1200 bits/s.
In addition to DTMF and modem frequencies, two octaves
of musical scale in steps of semitones are available.
In case no tones are generated the TONE output is in
3-state mode.
6.1
Frequency generator derivative registers
6.1.1
HIGH AND LOW GROUP FREQUENCY REGISTERS
Table 3 gives the addresses, mnemonics and access types of the High Group Frequency (HGF) and Low Group
Frequency (LGF) registers.
Table 3
Hexadecimal addresses, mnemonics, access types and bit mnemonics of the frequency registers
6.1.2
MELODY CONTROL REGISTER (MDYCON)
MDYCON is a R/W register.
Table 4
Melody Control Register (address 13H)
Table 5
Description of MDYCON bits
REGISTER
ADDRESS
REGISTER
MNEMONIC
ACCESS
TYPE
BIT MNEMONICS
7
6
5
4
3
2
1
0
11H
HGF
W
H7H6H5H4H3H2H1H0
12H
LGF
W
L7L6L5L4L3L2L1L0
7
6
5
4
3
2
1
0
0000000
EMO
BIT
MNEMONIC
DESCRIPTION
7to1
−
These bits are set to a logic 0.
0
EMO
Enable Melody Output. If bit EMO = 0, then P1.7/MDY is a standard port line.
If bit EMO = 1, then P1.7/MDY is the melody output. EMO = 1 does not inhibit the port
instructions for P1.7/MDY. Therefore the state of both port line and flip-flop may be read
in and the port flip-flop may be written by port instructions. However, the port flip-flop of
P1.7/MDY must remain set to avoid conflicts between melody and port outputs.
When the HGF contents are zero while EMO = 1, P1.7/MDY is in the logic HIGH state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com