Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3755AT Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCD3755AT
Description  8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3755AT Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCD3755AT Datasheet HTML 12Page - NXP Semiconductors PCD3755AT Datasheet HTML 13Page - NXP Semiconductors PCD3755AT Datasheet HTML 14Page - NXP Semiconductors PCD3755AT Datasheet HTML 15Page - NXP Semiconductors PCD3755AT Datasheet HTML 16Page - NXP Semiconductors PCD3755AT Datasheet HTML 17Page - NXP Semiconductors PCD3755AT Datasheet HTML 18Page - NXP Semiconductors PCD3755AT Datasheet HTML 19Page - NXP Semiconductors PCD3755AT Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
1997 Apr 16
16
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator,
8 kbytes OTP and 128 bytes EEPROM
PCD3755A; PCD3755E;
PCD3755F
From now on, it will be assumed that AD2 to AD6 will
contain the intended EEPROM page address after page
setup.
Table 17 Page setup; preset
Table 18 Page setup; auto-incrementing
7.5.2
READ BYTE
Since ADDR auto-increments after a read cycle regardless
of the page boundary, successive bytes can efficiently be
read by repeating the last instruction.
Table 19 Read byte
7.5.3
WRITE PAGE
The write cycle performs a logical OR between the data in
the EEPROM latches and that in the addressed EEPROM
page.
INSTRUCTION
RESULT
MOV A, #addr
address of EEPROM latch
MOV ADDR, A
send address to ADDR
MOV A, #data
load write, erase/write or erase data
MOV DATR, A
send data to addressed EEPROM
latch
INSTRUCTION
RESULT
MOV A, #MC2
increment mode control word
MOV EPCR, A
select increment mode
MOV A, #baddr
EEPROM Latch 0 address
(AD0 = AD1 = 0)
MOV ADDR, A
send EEPROM Latch 0 address to
ADDR
MOV A, R0
load 1st byte from Register 0
MOV DATR, A
send 1st byte to EEPROM Latch 0
MOV A, R1
load 2nd byte from Register 1
MOV DATR, A
send 2nd byte to EEPROM Latch 1
MOV A, R2
load 3rd byte from Register 2
MOV DATR, A
send 3rd byte to EEPROM Latch 2
MOV A, R3
load 4th byte from Register 3
MOV DATR, A
send 4th byte to EEPROM Latch 3
INSTRUCTION
RESULT
MOV A, #RDADDR load read address
MOV ADDR, A
send address to ADDR
MOV A, DATR
read EEPROM data
To actually copy the data from the EEPROM latches,
the corresponding bytes in the page should previously
have been erased.
The EEPROM latches are preset as described in
Section 7.5.1. The actual transfer to the EEPROM is then
performed as shown in Table 20.
The last instruction also starts Timer 2. The data in the
EEPROM latches are ORed with that in the corresponding
page bytes within 5 ms. A single-byte write is simply a
special case of ‘write page’.
ADDR auto-increments after the write cycle. If AD0 and
AD1 addressed EEPROM Latch 3 prior to the write cycle,
ADDR will point to the next EEPROM page (by bits AD2
to AD6) and to EEPROM Latch 0 (by bits AD0 and AD1).
This allows efficient coding of multi-page write operations.
Table 20 Write page
7.5.4
ERASE/WRITE PAGE
The EEPROM latches are preset as described in
Section 7.5.1. The page byte corresponding to the
asserted flags (among F0 to F3) are erased and re-written
with the contents of the respective EEPROM latches.
The last instruction also starts Timer 2. Erasure takes
5 ms upon which Timer Register T2 reloads for another
5 ms cycle for writing. The top cycles together take 10 ms.
A single-byte erase/write is simply a special event of
‘erase/write page’.
ADDR auto-increments after the write cycle. If AD0 and
AD1 addressed EEPROM Latch 3 prior to the write cycle,
ADDR will point to the next EEPROM page (by AD2 to
AD6) and to EEPROM Latch 0 (by AD0 and AD1).
This allows efficient coding of multi-page erase/write
operations.
Table 21 Erase/write page
INSTRUCTION
RESULT
MOV A, #EWP + MC2
‘write page’ control word
MOV EPCR, A
start ‘write page’ cycle
INSTRUCTION
RESULT
MOV A, #EWP + MC3
‘erase/write page’ control word
MOV EPCR, A
start ‘erase/write page’ cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com