Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3755AT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCD3755AT
Description  8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3755AT Datasheet(HTML) 3 Page - NXP Semiconductors

  PCD3755AT Datasheet HTML 1Page - NXP Semiconductors PCD3755AT Datasheet HTML 2Page - NXP Semiconductors PCD3755AT Datasheet HTML 3Page - NXP Semiconductors PCD3755AT Datasheet HTML 4Page - NXP Semiconductors PCD3755AT Datasheet HTML 5Page - NXP Semiconductors PCD3755AT Datasheet HTML 6Page - NXP Semiconductors PCD3755AT Datasheet HTML 7Page - NXP Semiconductors PCD3755AT Datasheet HTML 8Page - NXP Semiconductors PCD3755AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
1997 Apr 16
3
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator,
8 kbytes OTP and 128 bytes EEPROM
PCD3755A; PCD3755E;
PCD3755F
1
FEATURES
• 8-bit CPU, ROM, RAM, EEPROM and I/O; in a single
28-lead or 32-lead package
• 8 kbytes user-programmable ROM (One-Time
Programmable)
• 128 bytes RAM
• 128 bytes Electrically Erasable Programmable
Read-Only Memory (EEPROM)
• Over 100 instructions (based on MAB8048) all of 1 or 2
cycles
• 20 quasi-bidirectional I/O port lines
• 8-bit programmable Timer/event counter 1
• 8-bit reloadable Timer 2
• Three single-level vectored interrupts:
– external
– 8-bit programmable Timer/event counter 1
– derivative; triggered by reloadable Timer 2
• Two test inputs, one of which also serves as the external
interrupt input
• DTMF, modem, musical tone generator
• Reference for supply and temperature-independent
tone output
• Filtering for low output distortion (CEPT compatible)
• Melody output for ringer application
• Power-on-reset
• Stop and Idle modes
• Supply voltage: 1.8 to 6 V (DTMF tone output and
EEPROM erase/write from 2.5 V)
• Clock frequency: 1 to 16 MHz (3.58 MHz for DTMF
suggested)
• Operating temperature: −25 to +70 °C
• Manufactured in silicon gate CMOS process.
2
GENERAL DESCRIPTION
This data sheet details the specific properties of the
PCD3755A, PCD3755E and PCD3755F. The devices
differ in their Port and Power-on-reset configurations.
References to ‘PCD3755x’ apply to all three types.
The devices are members of the PCD33xxA family of
microcontrollers.
The shared properties of the family are described in the
“PCD33xxA family” data sheet, which should be read in
conjunction with this publication.
The PCD3755A, PCD3755E and PCD3755F are
One-Time Programmable (OTP) microcontrollers
designed primarily for telephony applications.They include
an on-chip generator for dual tone multifrequency (DTMF),
modem and musical tones. In addition to dialling,
generated frequencies can be made available as square
waves (P1.7/MDY) for melody generation, providing ringer
operation.
The PCD3755A, PCD3755E and PCD3755F also
incorporate 128 bytes of EEPROM. The EEPROM can be
used for storing telephone numbers, particularly for
implementing redial functions.
The Power-on-reset circuitry is extra accurate to
accommodate parallel telephones and fax equipment.
The instruction set is similar to that of the MAB8048 and is
a sub-set of that listed in the
“PCD33xxA family” data
sheet.
3
ORDERING INFORMATION (see note 1)
Note
1. Please refer to the Order Entry Form (OEF) for this device for the full type number to use when ordering. This type
number will also specify the required program and the ROM mask options.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCD3755xP
DIP28
plastic dual in-line package; 28 leads (600 mil)
SOT117-1
PCD3755xT
SO28
plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1
PCD3755xH
LQFP32
plastic low profile quad flat package; 32 leads; body 7
× 7 × 1.4 mm
SOT358-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com