Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3755AT Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCD3755AT
Description  8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3755AT Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCD3755AT Datasheet HTML 21Page - NXP Semiconductors PCD3755AT Datasheet HTML 22Page - NXP Semiconductors PCD3755AT Datasheet HTML 23Page - NXP Semiconductors PCD3755AT Datasheet HTML 24Page - NXP Semiconductors PCD3755AT Datasheet HTML 25Page - NXP Semiconductors PCD3755AT Datasheet HTML 26Page - NXP Semiconductors PCD3755AT Datasheet HTML 27Page - NXP Semiconductors PCD3755AT Datasheet HTML 28Page - NXP Semiconductors PCD3755AT Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
1997 Apr 16
25
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator,
8 kbytes OTP and 128 bytes EEPROM
PCD3755A; PCD3755E;
PCD3755F
Fig.14 Typical HIGH level push-pull output source
current (IOH1) as a function of supply voltage
(VDD).
VO =VDD − 0.4 V.
handbook, halfpage
1
−12
−8
−4
0
35
VDD (V)
7
MGB833
IOH1
(mA)
handbook, halfpage
MGB835
10 k
Ω
TONE
50 pF
1
µF
DEVICE TYPE NUMBER
(1)
VDD
VSS
(1) Device type number: PCD3755A, PCD3755E or PCD3755F.
Fig.15 TONE output test circuit.
Fig.16 Typical Power-on-reset level (VPOR) as
function of ambient temperature (Tamb).
handbook, halfpage
−25
6
4
2
0
25
75
70
Tamb (°C)
125
MGD495
VDD
(V)
VPOR = 1.3 V
VPOR = 2.0 V
handbook, halfpage
13
5
VDD (V)
7
10
1
MGB834
1
10
gm
(mS)
Fig.17 Typical transconductance (gm) as a function
of supply voltage (VDD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com