Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5013 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button PCD5013 Datasheet HTML 40Page - NXP Semiconductors PCD5013 Datasheet HTML 41Page - NXP Semiconductors PCD5013 Datasheet HTML 42Page - NXP Semiconductors PCD5013 Datasheet HTML 43Page - NXP Semiconductors PCD5013 Datasheet HTML 44Page - NXP Semiconductors PCD5013 Datasheet HTML 45Page - NXP Semiconductors PCD5013 Datasheet HTML 46Page - NXP Semiconductors PCD5013 Datasheet HTML 47Page - NXP Semiconductors PCD5013 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
1999 Apr 12
44
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
8.7.7
SHORT INSTRUCTION VECTOR
V: these bits are set 001 for a short instruction vector.
WN: word number of vector (2 to 87 decimal) (Table 46).
WN describes the location of the vector word in the frame.
e: error (Table 46). Set if more than 2-bit errors are
detected in the word, if the check character calculation fails
after error correction has been performed, or if the vector
value is determined to be invalid.
p: phase (Table 46). This is the phase on which the vector
was found (0 = A, 1 = B,2=Cand3=D).
i: instruction type (Tables 46 and 47). These bits define
the meaning of the d bits in this packet.
x: unused bits (Table 46). The value of these bits is not
guaranteed.
d: data bits whose definition depend on the value of the
i bits in this packet according to Table 47. Note that if this
vector is received on a long address and the e bit in this
packet is not set, the decoder sends a message packet
immediately following the vector packet. All message bits
in the message packet are unused and should be ignored.
Table 46 Short instruction vector packet bit assignments
Table 47 Short instruction vector definitions
Notes
1. Assigned temporary address index a and associated frame number f (Section 8.8.5).
2. Refer to
”FLEX
™ Protocol specification G1.9”.
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
30
WN6
WN5
WN4
WN3
WN2
WN1
WN0
2e
p1
p0
xx
V2
V1
V0
1x
x
d10
d9
d8
d7
d6
d5
0d4
d3
d2
d1
d0
i2
i1
i0
i2
i1
i0
d10
d9
d8
d7
d6
d5
d4
d3
d2
d1
d0
DESCRIPTION
000
a3
a2
a1
a0
f6
f5
f4
f3
f2
f1
f0
temporary address assignment,
note 1
001
d10
d9
d8
d7
d6
d5
d4
d3
d2
d1
d0
system event; note 2
010
a3
a2
a1
a0
f6
N5
N4
N3
N2
N1
N0
temporary address with message
sequence number; note 2
0
1
1
reserved
1
0
0
reserved
1
0
1
reserved
1
1
0
reserved
1
1
1
reserved for test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com