Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5013 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCD5013 Datasheet HTML 14Page - NXP Semiconductors PCD5013 Datasheet HTML 15Page - NXP Semiconductors PCD5013 Datasheet HTML 16Page - NXP Semiconductors PCD5013 Datasheet HTML 17Page - NXP Semiconductors PCD5013 Datasheet HTML 18Page - NXP Semiconductors PCD5013 Datasheet HTML 19Page - NXP Semiconductors PCD5013 Datasheet HTML 20Page - NXP Semiconductors PCD5013 Datasheet HTML 21Page - NXP Semiconductors PCD5013 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 76 page
background image
1999 Apr 12
18
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
8.4.4
CONFIGURATION PACKET (ID = 01H)
The configuration packet defines a number of different
configuration options for the PCD5013. The PCD5013
ignores this packet when decoding is enabled,
i.e. the ON bit in the control packet is set (Table 12).
DFC: disable fractional clock (Table 8). When this bit is set
and IDE is set, the CLKOUT signal generates a 40 kHz
signal (EXTAL divided-by-4). When this bit is cleared and
IDE is set, the CLKOUT signal generates a 38.4 kHz signal
(EXTAL fractionally divided by 25
⁄6). This bit has no effect
when IDE is cleared. Value after reset = 0.
IDE: internal demodulator enable (Table 8). When this bit
is set, the internal demodulator is enabled and the clock
frequency at EXTAL is expected to be 160 kHz. When this
bit is cleared, the internal demodulator is disabled and the
clock frequency at EXTAL is expected to be 76.8 kHz.
Value after reset = 0.
OFD: oscillator frequency difference (Tables 4 and 8).
These bits represent the maximum frequency difference
between the 76.8 kHz oscillator (accounting for ageing,
temperature variation, manufacturing tolerance etc.) and
the worst case transmitter bit rate (specified as
±25 parts
per million (ppm) in the FLEX
™ specification).
For example, if the transmitter tolerance is
±25 ppm and
the 76.8 kHz oscillator tolerance is
±140 ppm, the
transmitter-oscillator frequency difference is
±165 ppm
and OFD should be cleared (300 ppm maximum). Value
after reset = 0. Note that configuring a smaller frequency
difference in this packet results in lower power
consumption due to higher receiver battery save ratios.
Table 4
Oscillator frequency difference
PCE: partial correlation enable (Table 8). When this bit is
set, partial correlation of addresses is enabled. When
partial correlation is enabled, the PCD5013 shuts down
the receiver before the end of the last FLEX
™ block which
contains addresses if it can determine that none of the
addresses in that FLEX
™ block matches any enabled
address in the PCD5013. When this bit is cleared, the
receiver is controlled as in the PCD5008. Value after
reset = 0.
OFD1
OFD0
FREQUENCY DIFFERENCE
(ppm)
00
±300
01
±150
10
±75
11
±0
SP: signal polarity (Tables 8, 5 and 6). These bits set the
polarity of EXTS1 and EXTS0 input signals. The polarity of
the EXTS1 and EXTS0 bits is determined by the receiver
design. Value after reset = 0.
Table 5
Input signal polarity
Table 6
FLEX
™ 4 level FSK modulation (SP = 00)
SME: synchronous mode enable (Table 8). When this bit
is set, a status packet is sent automatically whenever the
synchronous mode update (SMU) bit in the status packet
is set. This happens whenever a change occurs in the
synchronous mode (SM) status bit, which indicates that
the decoder is synchronized to a FLEX
™ data stream.
The host can use the SM bit in the status packet as an
in-range/out-of-range indication. Value after reset = 0.
COD: clock output disable (Table 8). When this bit is
cleared, a 38.4 or 40 kHz signal is output on the
CLKOUT pin (depending on the values of IDE and DFC).
When this bit is set, the CLKOUT pin is driven LOW. Value
after reset = 0.
• Setting and clearing this bit can cause pulses on the
CLKOUT pin that are less than one half the 38.4 kHz
period.
• When the clock output is enabled and not set for
intermittent operation (see ICO in this packet), the
CLKOUT pin always outputs the clock signal even when
the PCD5013 is in reset (as long as a clock signal is
available to the PCD5013 oscillator).
• When the PCD5013 is used in internal demodulator
mode (i.e. uses a 160 kHz oscillator), the CLKOUT pin
is 80 kHz from reset until the time the IDE bit is set.
SP1
SP0
SIGNAL POLARITY
EXTS1
EXTS0
0
0
normal
normal
0
1
normal
inverted
1
0
inverted
normal
1
1
inverted
inverted
EXTS1
EXTS0
DEVIATION
(Hz)
1
0
+4800
1
1
+1600
01
−1600
00
−4800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com