Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5013 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCD5013 Datasheet HTML 35Page - NXP Semiconductors PCD5013 Datasheet HTML 36Page - NXP Semiconductors PCD5013 Datasheet HTML 37Page - NXP Semiconductors PCD5013 Datasheet HTML 38Page - NXP Semiconductors PCD5013 Datasheet HTML 39Page - NXP Semiconductors PCD5013 Datasheet HTML 40Page - NXP Semiconductors PCD5013 Datasheet HTML 41Page - NXP Semiconductors PCD5013 Datasheet HTML 42Page - NXP Semiconductors PCD5013 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
1999 Apr 12
39
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
8.6.7
CONFIGURATION OF ASSIGNED FRAMES AND PAGER
COLLAPSE
(ID = 20H TO 27H)
The assigned frame and collapse value determine the
frames in which the decoding device typically looks for
messages (other system factors can cause the decoding
device to look in other frames in addition to the typical
frames).
The PCD5013 must be configured explicitly to receive all
required frames by setting the associated assigned
frame (AF) bits. For each enabled CAPCODE these are
the base frame and the associated frames implied by the
pager collapse value. For example if the PCD5013 has
one enabled address and it is assigned to base frame 3
with a collapse value of 4, the AF bits for
frames 3, 19, 35, 51, 67, 83, 99 and 115 should be set
and the AF bits for all other frames should be cleared.
When the PCD5013 is configured for manual collapse
mode by setting the MCM bit in the Roaming Control
Packet, the PCD5013 does not apply the received system
collapse to the AF bits. The host should set the AF bits for
all frames that should be decoded on all channels.
For example, if frames 0 and 64 should be decoded on one
channel and frames 4, 36, 68, and 100 should be decoded
on another channel, all six of the corresponding AF bits
should be set. The host can then change the receiver’s
carrier frequency after the PCD5013 decodes frames 0,
36, 64, and 100.
There are 8 frame assignment packets each capable of
assigning a range of 16 consecutive frame numbers.
f: frame range, see Table 38 for location in the frame
assignment packet and Table 36 for the AFs and values.
The value determines which 16 frames out of a range
of 128 correspond to the 16 AF bits in the packet. At least
one of these bits must have been set when the PCD5013
is turned on by setting the ON bit in the control packet.
Value after reset = 0.
AF: assigned frame (Table 38). If a bit is set, the PCD5013
decodes the associated FLEX
™ frame and scans its
contents for enabled addresses. Value after reset = 0.
8.6.8
CONFIGURATION OF ASSIGNED PHASE
The assigned phase is required only for single-phase
devices. It determines the phase (A, B, C, or D) in which
the messages are received.
For details of phase calculation see Section 8.6.5.
For details of programming the assigned phase
see Section 8.4.7.
Table 36 Frame assignment ranges
8.6.9
OPERATOR MESSAGING ADDRESS ENABLE PACKET
(ID = 04H)
The operator messaging address enable packet is used to
enable and disable the built-in FLEX
™ operator messaging
addresses. Enabling and disabling operator messaging
addresses does not affect on which frames the decoder IC
decodes. To ensure that the correct frames are decoded,
the host must modify the FF bits in the Control Packet or
the AF bits in the Frame Assignment Packets.
OAE: operator messaging address enable (Table 37).
When a bit is set, the corresponding operator messaging
address is enabled. When it is cleared, the corresponding
operator messaging address is disabled. OAE0 to OAE15
corresponds to the hexadecimal operator messaging
address values of 1F7810 through to 1F781F
respectively. Value after reset = 0.
f2
f1
f0
AF15
AF0
0
0
0
frame 127
frame 112
0
0
1
frame 111
frame 96
0
1
0
frame 95
frame 80
0
1
1
frame 79
frame 64
1
0
0
frame 63
frame 48
1
0
1
frame 47
frame 32
1
1
0
frame 31
frame 16
1
1
1
frame 15
frame 0
Table 37 Operator messaging address enable packet bit assignments
BYTE
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
300000100
200000000
1
OAE15
OAE14
OAE13
OAE12
OAE11
OAE10
OAE9
OAE8
0
OAE7
OAE6
OAE5
OAE4
OAE3
OAE2
OAE1
OAE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com