Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD5013 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCD5013
Description  FLEX roaming decoder II
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5013 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCD5013 Datasheet HTML 9Page - NXP Semiconductors PCD5013 Datasheet HTML 10Page - NXP Semiconductors PCD5013 Datasheet HTML 11Page - NXP Semiconductors PCD5013 Datasheet HTML 12Page - NXP Semiconductors PCD5013 Datasheet HTML 13Page - NXP Semiconductors PCD5013 Datasheet HTML 14Page - NXP Semiconductors PCD5013 Datasheet HTML 15Page - NXP Semiconductors PCD5013 Datasheet HTML 16Page - NXP Semiconductors PCD5013 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
1999 Apr 12
13
Philips Semiconductors
Product specification
FLEX
™ roaming decoder II
PCD5013
8.3.7
HOST-TO-DECODER PACKETS OVERVIEW
This section summarises the packets which can be sent from the host to the decoder.
Table 2
Host-to-decoder packet ID map2
PACKET
ID (HEX)
TYPE
SECTION
00
checksum
8.4.6
01
configuration
8.4.4
02
control
8.4.7
03
all frame mode
8.8.4
04
operator message address enable
8.6.9
05
roaming control
8.4.9
06
timing control
8.4.10
07 to 0E
reserved (host should never send)
−
0F
receiver line control
8.5.7
10
receiver control configuration (off setting)
8.5.4
11
receiver control configuration (warm-up 1 setting)
8.5.5.3
12
receiver control configuration (warm-up 2 setting)
8.5.5.3
13
receiver control configuration (warm-up 3 setting)
8.5.5.3
14
receiver control configuration (warm-up 4 setting)
8.5.5.3
15
receiver control configuration (warm-up 5 setting)
8.5.5.3
16
receiver control configuration (3200 sps sync setting)
8.5.6.2
17
receiver control configuration (1600 sps sync setting)
8.5.6.2
18
receiver control configuration (3200 sps data setting)
8.5.6.2
19
receiver control configuration (1600 sps data setting)
8.5.6.2
1A
receiver control configuration (shut-down 1 setting)
8.5.8.1
1B
receiver control configuration (shut-down 2 setting)
8.5.8.1
1C to 1F
special (ignored by decoder)
−
20
frame assignment (frames 112 to 127)
8.6.7
21
frame assignment (frames 96 to 111)
8.6.7
22
frame assignment (frames 80 to 95)
8.6.7
23
frame assignment (frames 64 to 79)
8.6.7
24
frame assignment (frames 48 to 63)
8.6.7
25
frame assignment (frames 32 to 47)
8.6.7
26
frame assignment (frames 16 to 31)
8.6.7
27
frame assignment (frames 0 to 15)
8.6.7
28 to 77
reserved (host should never send)
−
78
user address enable
8.6.6
79 to 7F
reserved (host should never send)
−
80
user address assignment (user address 0)
8.6.6
81
user address assignment (user address 1)
8.6.6
82
user address assignment (user address 2)
8.6.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com