Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTBAELPS2.32 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # KRTBAELPS2.32
Description  The ams OSRAM OSIRE KRTB AELPS2.32 RGB sidelooker device is specifically designed for automotive interior applications.
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBAELPS2.32 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button KRTBAELPS2.32 Datasheet HTML 6Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 7Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 8Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 9Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 10Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 11Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 12Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 13Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
KRTB AELPS2.32
DATASHEET
DATASHEET
10 | Version 1.2 | 2024-02-14
Wavelength Groups
● blue
Group
Dominant Wavelength 2)
Dominant Wavelength 2)
min.
max.
λ
dom
λ
dom
73
447 nm
451 nm
51
449 nm
453 nm
3C
451 nm
456 nm
AF
454 nm
459 nm
DH
457 nm
461 nm
FK
459 nm
463 nm
HM
461 nm
465 nm
KP
463 nm
467 nm
MS
465 nm
470 nm
QV
468 nm
473 nm
TZ
471 nm
476 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com