Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTBAELPS2.32 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # KRTBAELPS2.32
Description  The ams OSRAM OSIRE KRTB AELPS2.32 RGB sidelooker device is specifically designed for automotive interior applications.
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBAELPS2.32 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button KRTBAELPS2.32 Datasheet HTML 7Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 8Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 9Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 10Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 11Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 12Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 13Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 14Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
KRTB AELPS2.32
DATASHEET
DATASHEET
11 | Version 1.2 | 2024-02-14
Chromaticity Coordinate Groups
KRTBAELPS2.32
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
Cx
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
Cy
400-
380nm
500 nm
550nm
600nm
700-
750nm
Chromaticity Coordinate Groups
● red
Group
Cx
Cy
JP
0.6879
0.3086
0.6915
0.3083
0.7006
0.2993
0.6969
0.2996
MT
0.6936
0.3030
0.6972
0.3027
0.7066
0.2934
0.7028
0.2938
RW
0.7000
0.2966
0.7037
0.2962
0.7105
0.2895
0.7067
0.2899



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com