Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTBAELPS2.32 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # KRTBAELPS2.32
Description  The ams OSRAM OSIRE KRTB AELPS2.32 RGB sidelooker device is specifically designed for automotive interior applications.
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBAELPS2.32 Datasheet(HTML) 2 Page - OSRAM GmbH

  KRTBAELPS2.32 Datasheet HTML 1Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 2Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 3Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 4Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 5Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 6Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 7Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 8Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
KRTB AELPS2.32
DATASHEET
DATASHEET
2 | Version 1.2 | 2024-02-14
OSIRE® E5515
KRTB AELPS2.32
The ams OSRAM OSIRE KRTB AELPS2.32 RGB sidelook-
er device is specifically designed for automotive interior ap-
plications. It offers individually addressable LED chips for a
maximum of flexibility in terms of color point, driver selection
and interconnection. Due to the low profile, the OSIRE KRTB
AELPS2.32 is ideally suited for coupling into thin lightguides
and enables ultra compact designs. The housing material´s
temperature stability has been optimized for improved com-
patibility to suitable IMSE® (In-mold structural electronics)
processing. All Measurement data of every single LED is made
available at 20 and 50 mA via an imprinted data matrix code.
This feature helps to reduce the optical measurement effort on
customer side.
Applications
- Ambient Lighting
- Automotive Aftermarket
- Functional Illumination
Features
- Package: white SMT package, colorless clear silicone resin
- Chip technology: Thinfilm / UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λ
dom = 625 nm (● red); λdom = 528 nm (● true green); λdom = 465 nm (● blue)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com