Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTBAELPS2.32 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # KRTBAELPS2.32
Description  The ams OSRAM OSIRE KRTB AELPS2.32 RGB sidelooker device is specifically designed for automotive interior applications.
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBAELPS2.32 Datasheet(HTML) 4 Page - OSRAM GmbH

  KRTBAELPS2.32 Datasheet HTML 1Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 2Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 3Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 4Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 5Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 6Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 7Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 8Page - OSRAM GmbH KRTBAELPS2.32 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
KRTB AELPS2.32
DATASHEET
DATASHEET
4 | Version 1.2 | 2024-02-14
O
Orrddeerriinngg IInnffoorrm
maattiioonn
Type
Parameter
Brightness
IF = 20 mA
Ordering Code
KRTBAELPS2.32-4V7A-JW+7B5C-FR+1T4T-7C-WB
Q65113A6771
red
IV = 1000 … 1590 mcd
true green
IV = 2240 … 3150 mcd
blue
IV = 280 … 450 mcd
TTyyppiiccaall bbrriigghhttnneessss
TS = 25°C
Color
Current
in mA
Value
Unit
red
20
1000
mcd
true green
20
2500
mcd
blue
20
450
mcd
red
50
2220
mcd
true green
50
4730
mcd
blue
50
890
mcd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com