Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSMB Datasheet(PDF) 18 Page - ITT Industries

Part # SSMB
Description  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SSMB Datasheet(HTML) 18 Page - ITT Industries

Back Button SSMB Datasheet HTML 14Page - ITT Industries SSMB Datasheet HTML 15Page - ITT Industries SSMB Datasheet HTML 16Page - ITT Industries SSMB Datasheet HTML 17Page - ITT Industries SSMB Datasheet HTML 18Page - ITT Industries SSMB Datasheet HTML 19Page - ITT Industries SSMB Datasheet HTML 20Page - ITT Industries SSMB Datasheet HTML 21Page - ITT Industries SSMB Datasheet HTML 22Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
122
RF Coaxial Connectors
Assembly Instructions
AI-504 & BAI-003
SMB/SMC & SMS Straight Connectors, Crimp Type for Braided Cable
1. Slide ferrule on cable, (and tubing with SMS)
2. Trim cable to dimensions shown taking care not to nick braid or center conductor.
3. Tin center conductor (DO NOT OVER TIN).
4. Slide rear body over cable dielectric and under the braid until the braid is flush against the rear of
the hexagonal nut.
NOTE: When using cables with inflexible jackets two 3,17 (.125) slits in the outer jacket are
permissible.
5. Slide on rear insulator so that the counterbore rests against the cable dielectric.
6. Place a small solder preform made from 0,26 - 0,31 (.010 - .012) dia (28 swg) multi-core solder
in rear of contact.
7. Assemble contact on center conductor, heat to make solder connection ensuring shoulder of
contact is flush against rear insulator.
N.B. Do not allow solder to protrude outside spill hole.
8. Slide ferrule against body and crimp using ITT Cannon Crimp Tool and suitable die set (see table
below).
9. Slide on front insulator (if not already assembled in body).
10. Screw on front body and tighten to 0,63 - 0,70 Nm (90 - 100 in. ozs.).
11. On SMS slip tubing over the ferrule and heat until the shrinkable tubing fits smoothly around the
cable.
Only common cable retention features are shown in detail. Various body configurations can
apply.
CRIMP FERRULE
REAR BODY
REAR INSULATOR
CONTACT
FRONT
INSULATOR
FRONT
BODY
Assembly Instruction No.
A
B
C
BAI-003
15,50 (.610)
9,50 (.374)
2,50 (.098)
AI-504
17,01 (.672)
11,13 (.438)
3,18 (.125)
Cable Type
Cable Code
Die Size
RG142/U
9052
5,41 (.213)
RG196/U
3196
2,67 (.105)
RG316/U
0000/9416
3,25 (.128)
RD316
9399
3,84 (.151)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com