Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSMB Datasheet(PDF) 26 Page - ITT Industries

Part # SSMB
Description  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SSMB Datasheet(HTML) 26 Page - ITT Industries

Back Button SSMB Datasheet HTML 22Page - ITT Industries SSMB Datasheet HTML 23Page - ITT Industries SSMB Datasheet HTML 24Page - ITT Industries SSMB Datasheet HTML 25Page - ITT Industries SSMB Datasheet HTML 26Page - ITT Industries SSMB Datasheet HTML 27Page - ITT Industries SSMB Datasheet HTML 28Page - ITT Industries SSMB Datasheet HTML 29Page - ITT Industries SSMB Datasheet HTML 30Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
130
RF Coaxial Connectors
Assembly Instructions
BAI-001
SMB/SMC Straight Connectors, Clamp Type for Braided Cable
1. Slide clamp nut, No. 1 washer, gasket and No. 2 washer over cable.
2. Trim cable to dimension shown taking care not to nick the braid.
3. Thumb braid out radially at right angles to dielectric.
4. A small chamfer may now be cut on the end of cable dielectric, to assist assembly of sleeve.
5. Slide sleeve over cable dielectric and under braid and outer jacket until the flange of the sleeve is
flush against the braid.
6. Move No.2 washer up to braid and trim braid flush with the flange of the sleeve.
7. Trim cable dielectric and center conductor to dimensions shown taking care not to nick the center
conductor.
8. Tin center conductor (DO NOT OVER TIN).
9. Slide rear insulator over cable.
10. Place a small solder preform made from 0,26 - 0,31 (.010 - .012) dia (28 swg) multi-core solder in
rear of contact.
11. Push contact on center conductor as far as possible. Heat center conductor and push until the
shoulder of the contact is flush against the rear insulator. Do not allow solder to protrude outside
spill hole.
12. Slide on front insulator flush against rear insulator (if not already assembled in body).
13. Move clamp nut, No. 1 washer and gasket up to No. 2 washer, slide on front body and tighten
clamp nut to required torque: 0,63 - 0,70 Nm (90 - 100 in. ozs.).
Only common cable retention features are shown in detail. Various body configurations can
apply.
CLAMP NUT
No. 1
WASHER
GASKET
No. 2
WASHER
SLEEVE
REAR
INSULATOR
CONTACT
FRONT
INSULATOR
FRONT
BODY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com