Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSMB Datasheet(PDF) 12 Page - ITT Industries

Part # SSMB
Description  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SSMB Datasheet(HTML) 12 Page - ITT Industries

Back Button SSMB Datasheet HTML 8Page - ITT Industries SSMB Datasheet HTML 9Page - ITT Industries SSMB Datasheet HTML 10Page - ITT Industries SSMB Datasheet HTML 11Page - ITT Industries SSMB Datasheet HTML 12Page - ITT Industries SSMB Datasheet HTML 13Page - ITT Industries SSMB Datasheet HTML 14Page - ITT Industries SSMB Datasheet HTML 15Page - ITT Industries SSMB Datasheet HTML 16Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
116
RF Coaxial Connectors
Assembly Instructions
AI-227
SMA Straight Connectors, Crimp Type for Braided Cable — Captive Contact
1. Slide ferrule and heat shrinkable tubing on to cable.
2. Trim cable to dimensions as shown
ABC
15,00 (.590)
9,00 (.354)
3,00 (.118)
3. Slide body over cable dielectric and under the braid until the braid is flush against the rear of the
hexagonal nut.
NOTE: When using cables with inflexible jackets, it is permissible to make two 3,17 (.125)
longitudinal slits in the outer jacket.
4. Slide ferrule flush against the body and crimp in position using ITT Cannon Crimp Tool and
suitable die set (see table).
5. Trim back dielectric and center conductor to dimensions shown.
6. Tin center conductor (DO NOT OVER TIN).
7. Assemble insulator over center conductor with counterbore in direction shown.
8. Place a small solder preform made from 0,26 - 0,31 (.010 - .012) dia. (28 swg) multi-core solder
in rear of contact.
9. Assemble contact on center conductor, heat to make solder connection ensuring shoulder of
contact is flush against rear insulator. Do not allow solder to protrude outside spill hole.
10. Insert crimped assembly into back end of body and tighten to a torque of 0.70 - 0.80 Nm (100 -
110 in. ozs.).
11. Slide heat shrinkable tubing over ferrule and apply heat until tubing shrinks down.
Cable Type
Cable Code
Die Size
RG142/U
3196
2,67 (.105)
RG316/U
3188
3,25 (.128)
RD316
3875
3,84 (.151)
HEAT SHRINKABLE
TUBING
CRIMP FERRULE
REAR BODY
INSULATOR
CONTACT
FRONT BODY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com