Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSMB Datasheet(PDF) 23 Page - ITT Industries

Part # SSMB
Description  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SSMB Datasheet(HTML) 23 Page - ITT Industries

Back Button SSMB Datasheet HTML 19Page - ITT Industries SSMB Datasheet HTML 20Page - ITT Industries SSMB Datasheet HTML 21Page - ITT Industries SSMB Datasheet HTML 22Page - ITT Industries SSMB Datasheet HTML 23Page - ITT Industries SSMB Datasheet HTML 24Page - ITT Industries SSMB Datasheet HTML 25Page - ITT Industries SSMB Datasheet HTML 26Page - ITT Industries SSMB Datasheet HTML 27Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
127
Assy Insts
RF Coaxial Connectors
Assembly Instructions
AI-762 & AI-763
CMM Straight Connectors, Direct Solder Type for Semi-Rigid Cable
1. Trim cable to dimension ‘B’ shown. Being careful not to nick the center conductor.
2. Place two solder rings per table below, over the cable.
3. Place connector in fixture base seated against locator and insert cable into cable entry end of
connector until cable seats firmly. Tighten Clamp screw to secure cable. Tighten locator tool firmly
against connector interface (plug) or front of connector (jack). Slide solder rings against rear body
as shown. Apply sufficient heat to rear body only using an appropriate heat source (solder tongs
with variable control) for solder to flow but using minimum heat cycle.
BODY CABLE ENTRY
PLUG
JACK
Cable Dia. A
B
1,20 (.047)
2,04 (.080)
Cable Dia.
‘C’ Dia. max
Solder Wire Dia.
1,20 (.047)
1,78 (.070)
0,26 (.010)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com