Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG316/U Datasheet(PDF) 17 Page - ITT Industries

Part # RG316/U
Description  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RG316/U Datasheet(HTML) 17 Page - ITT Industries

Back Button RG316/U Datasheet HTML 13Page - ITT Industries RG316/U Datasheet HTML 14Page - ITT Industries RG316/U Datasheet HTML 15Page - ITT Industries RG316/U Datasheet HTML 16Page - ITT Industries RG316/U Datasheet HTML 17Page - ITT Industries RG316/U Datasheet HTML 18Page - ITT Industries RG316/U Datasheet HTML 19Page - ITT Industries RG316/U Datasheet HTML 20Page - ITT Industries RG316/U Datasheet HTML 21Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
121
Assy Insts
RF Coaxial Connectors
Assembly Instructions
AI-480
SSISStraight Plug Connectors, Direct Solder Type for Semi-Rigid Cable
1. Trim cable to dimensions shown, being careful not to nick center conductor. Tin center conductor
(DO NOT OVER TIN).
* Trim dielectric as shown for Belden Conformable cable only.
2. Using a 0,38 (.015) spacer, solder contact to center conductor.
* Use 0,13 (.005) spacer on Belden Conformable cable only.
3. Slide cable into rear of body. Holding securely in this position, solder body to cable.
4. Insert into rear of bushing and tighten with a torque of 0,21 Nm (30 in. ozs.)
CONTACT
BODY
BUSHING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com