Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG316/U Datasheet(PDF) 1 Page - ITT Industries

Part # RG316/U
Description  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RG316/U Datasheet(HTML) 1 Page - ITT Industries

  RG316/U Datasheet HTML 1Page - ITT Industries RG316/U Datasheet HTML 2Page - ITT Industries RG316/U Datasheet HTML 3Page - ITT Industries RG316/U Datasheet HTML 4Page - ITT Industries RG316/U Datasheet HTML 5Page - ITT Industries RG316/U Datasheet HTML 6Page - ITT Industries RG316/U Datasheet HTML 7Page - ITT Industries RG316/U Datasheet HTML 8Page - ITT Industries RG316/U Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
31
SSMB/C
SSMB (Snap-on)
SSMC (Screw-on)
RF Coaxial Connectors
SSMB/SSMC
Introduction
This range of 50 ohm microminiature radio
frequency connectors is suitable for both military
and
commercial
equipment
operating
at
frequencies up to 4 GHz (SSMB) and 12.4 GHz
(SSMC). They provide a choice of Snap-on
(SSMB) or Screw-on (SSMC) and are available for
a wide range of flexible cables.
SSMC connectors are used where a positive
mechanical engagement is required and where
space permits the use of torque wrenches. SSMB
connectors are quick disconnect versions of the
SSMC and are used in applications where limited
space prohibits the use of torque wrenches or
when components or modules must be quickly
changed to keep down time to a minimum.
Mating Interfaces
NOTES
1) Inside diameter of female contact to meet VSWR
mating characteristics and connector durability
when mated with a 0,36 - 0,38 (.014 - .015)
diameter male contact.
2) Must meet the force to engage and disengage
when mated with its mating part.
PLUG
JACK
PLUG
JACK


Similar Part No. - RG316/U

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
RG316 HARWIN-RG316 Datasheet
442Kb / 14P
Component Specification M80 & M83 Series Rectangular Connectors
November 2022
logo
Multicomp Pro
RG316 MULTICOMP-RG316 Datasheet
157Kb / 1P
Coax Cable
09/11/20 V1.0
logo
Qualwave Inc. All right...
RG316 QUALWAVE-RG316 Datasheet
653Kb / 3P
Flexible RF Cables & Assemblies
Rev 1.4
logo
Infinite Electronics In...
RG316-BULK FAIRVIEW-RG316-BULK Datasheet
547Kb / 3P
RG316 Flexible Coax Cable FEP Jacket
REV 1.0A
logo
Pasternack Enterprises,...
RG316-DS PASTERNACK-RG316-DS Datasheet
283Kb / 3P
Flexible RG316 Coax Cable Double Shielded with Tan FEP Jacket
More results

Similar Description - RG316/U

ManufacturerPart #DatasheetDescription
logo
ITT Industries
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
RF Coaxial Connectors
QT-BNC ITT-QT-BNC Datasheet
62Kb / 1P
RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
RF Coaxial Connectors
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
RF Coaxial Connectors
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
COAXIAL CONNECTORS
logo
DDK Ltd.
PSD-SJ-FCCAV1-SO DDK-PSD-SJ-FCCAV1-SO Datasheet
617Kb / 3P
Small Coaxial Connectors
logo
Murata Manufacturing Co...
MM8130-2600RB8 MURATA-MM8130-2600RB8 Datasheet
37Kb / 1P
Coaxial Connectors
logo
Pasternack Enterprises,...
PE2PB1005 PASTERNACK-PE2PB1005 Datasheet
839Kb / 7P
RF Coaxial GSG Probe
PE2PB1006 PASTERNACK-PE2PB1006 Datasheet
832Kb / 7P
RF Coaxial GS Probe
PE2PB1007 PASTERNACK-PE2PB1007 Datasheet
828Kb / 7P
RF Coaxial GS Probe
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com