Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG316/U Datasheet(PDF) 9 Page - ITT Industries

Part # RG316/U
Description  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RG316/U Datasheet(HTML) 9 Page - ITT Industries

Back Button RG316/U Datasheet HTML 5Page - ITT Industries RG316/U Datasheet HTML 6Page - ITT Industries RG316/U Datasheet HTML 7Page - ITT Industries RG316/U Datasheet HTML 8Page - ITT Industries RG316/U Datasheet HTML 9Page - ITT Industries RG316/U Datasheet HTML 10Page - ITT Industries RG316/U Datasheet HTML 11Page - ITT Industries RG316/U Datasheet HTML 12Page - ITT Industries RG316/U Datasheet HTML 13Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
113
Assy Insts
RF Coaxial Connectors
Assembly Instructions
AI-106
SMA Straight Connectors, Clamp Type for Braided Cable
CLAMP NUT
‘O’ RING
SLEEVE
INSULATOR
CONTACT
FRONT BODY
1. Slide clamp nut and ‘0’ ring over cable.
2. Trim cable to dimensions shown being careful not to nick the braid.
ABC
6,35 (.250)
4,78 (.188)
3,18 (.125)
3. Thumb braid out radially to expose the cable dielectric.
4. Slide sleeve over dielectric and under braid until sleeve is flush with braid. N.B. When using
cables with inflexible jackets it is permissible to make two 3,17 (.125) long longitudinal slits in the
outer jacket.
5. Trim braid flush with flange of sleeve.
6. Trim back dielectric to dimension shown.
7. Tin center conductor (DO NOT OVER TIN).
8. Fit insulator over center conductor with counterbore in direction shown.
9. Place a small solder preform made from 0,26 - 0,31 (.010 - .012) dia. (28 swg) multi-core solder
in rear of contact on center conductor. Heat to make solder connection ensuring shoulder of
contact is flush against rear insulator. Do not allow solder to protrude outside spill hole.
10. Fit front insulator if not part of body.
11. Thread on body and tighten clamp nut to 1.02 Nm (9 in. lbs.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com