Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG316/U Datasheet(PDF) 29 Page - ITT Industries

Part # RG316/U
Description  RF Coaxial Connectors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RG316/U Datasheet(HTML) 29 Page - ITT Industries

Back Button RG316/U Datasheet HTML 25Page - ITT Industries RG316/U Datasheet HTML 26Page - ITT Industries RG316/U Datasheet HTML 27Page - ITT Industries RG316/U Datasheet HTML 28Page - ITT Industries RG316/U Datasheet HTML 29Page - ITT Industries RG316/U Datasheet HTML 30Page - ITT Industries RG316/U Datasheet HTML 31Page - ITT Industries RG316/U Datasheet HTML 32Page - ITT Industries RG316/U Datasheet HTML 33Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
133
Assy Insts
RF Coaxial Connectors
Assembly Instructions
BBAI-1119
SMZ Straight Connectors, Crimp Contact, for Braided Cable
Cable
Die Size
BT2001
4,52 (.178)
BT2002
5,18 (.204)
BT2003
6,81 (.268)
BT3002
4,52 (.178)
RG59B/U
6,48 (.255)
RG179B/U
3,25 (.128)
RG187A/U
3,25 (.128)
TZC75024
4,52 (.178)
FERRULE
REAR BODY ASSEMBLY
CONTACT
(REAR PORTION)
FRONT
INSULATOR
(PLUG ONLY)
1. Check that the center contact is a free fit in the front insulator and that you have all the connector
parts. The termination technique and cable preparation dimensions for the sockets are the same.
2. Strip the cable to the dimensions shown taking care not to damage the braid, dielectric or inner
conductor. Slip ferrule over cable.
3. Slide the connector body over the cable so that the rear body goes between the dielectric and the
braid. Gently twisting and rocking the connector body to spread the braid will help. Care must be
taken to ensure that no strands of braid are trapped under the body.
4. Slide the crimp ferrule forward over the braid until it butts up against the backnut. Crimp using
ITT Cannon crimp tool fitted with suitable die set (see table).
5. Trim the center conductor so that 3,50 (.138) protrudes from the face of the rear insulator. Position
the crimp type center pin over the end of the center conductor. The wire should be visible through
the inspection hole when positioned for crimping.
6. A separate crimping tool will be needed to crimp the center pin. A suitable tool being the
ITT Cannon crimp tool T4519.
7. The center pin together with the connector body is inserted into the locator of the crimp tool, taking
care that the center pin does not fall off in the process! As the connector body is inserted, the spring
loaded plunger positions the center pin against the rear insulator. With the connector firmly pushed
into the locator, crimp the center pin. (Ensure assembly is resting on bottom of locator.)
8. Withdraw the connector. Assemble the front and rear bodies. If a free fit front insulator is utilised
ensure that it is positioned the correct way round. Finally tighten the two body sections using
torque wrenches ITT Cannon part numbers T0854/M8/E and T0854/13/E, to a torque of 0,98 -
1,06 Nm (140 - 150 in. ozs.).
BRAID OPENED
FOR REAR BODY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com