Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 384 Page - STMicroelectronics

Part # LQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 384 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 380Page - STMicroelectronics LQFP100 Datasheet HTML 381Page - STMicroelectronics LQFP100 Datasheet HTML 382Page - STMicroelectronics LQFP100 Datasheet HTML 383Page - STMicroelectronics LQFP100 Datasheet HTML 384Page - STMicroelectronics LQFP100 Datasheet HTML 385Page - STMicroelectronics LQFP100 Datasheet HTML 386Page - STMicroelectronics LQFP100 Datasheet HTML 387Page - STMicroelectronics LQFP100 Datasheet HTML 388Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 429 page
background image
384/429
ST92F124/F150/F250 - ELECTRICAL CHARACTERISTICS
EXTERNAL INTERRUPT TIMING TABLE
(VDD = 5V ± 10%, TA = –40°C to +125°C, CLoad = 50pF, fINTCLK = 24MHz, unless otherwise specified)
Note:
The value in the left hand column shows the formula used to calculate the timing minimum or maximum from the oscillator clock period.
The value in the right hand two columns shows the timing minimum and maximum for an internal clock at 24MHz (INTCLK).
Measurement points are VIH for positive pulses and VIL for negative pulses.
Legend:
Tck = INTCLK period = Crystal Oscillator Clock period when CLOCK1 is not divided by 2;
2 x Crystal Oscillator Clock period when CLOCK1 7is divided by 2;
Crystal Oscillator Clock period x PLL factor when the PLL is enabled.
EXTERNAL INTERRUPT TIMING
WAKE-UP MANAGEMENT TIMING TABLE
(VDD = 5V ± 10%, TA = –40°C to +125°C, CLoad = 50pF, fINTCLK = 24MHz, unless otherwise specified)
Note: The value in the left hand column shows the formula used to calculate the timing minimum or maximum from the oscillator clock period.
The value in the right hand two columns show the timing minimum and maximum for an internal clock at 24MHz (INTCLK).
The given data are related to Wake-up Management Unit used in External Interrupt mode.
Measurement points are VIH for positive pulses and VIL for negative pulses.
Legend:
Tck = INTCLK period = Crystal Oscillator Clock period when CLOCK1 is not divided by 2;
2 x Crystal Oscillator Clock period when CLOCK1 is divided by 2;
Crystal Oscillator Clock period x PLL factor when the PLL is enabled.
WAKE-UP MANAGEMENT TIMING
N°
Symbol
Parameter
Value
Unit
Formula
Min
1
TwINTLR
Low Level Minimum Pulse Width in Rising Edge Mode
≥Tck+10
50
ns
2
TwINTHR
High Level Minimum Pulse Width in Rising Edge Mode
≥Tck+10
50
ns
3
TwINTHF
High Level Minimum Pulse Width in Falling Edge Mode
≥Tck+10
50
ns
4
TwINTLF
Low Level Minimum Pulse Width in Falling Edge Mode
≥Tck+10
50
ns
N°
Symbol
Parameter
Value
Unit
Formula
Min
1
TwWKPLR
Low Level Minimum Pulse Width in Rising Edge Mode
≥Tck+10
50
ns
2
TwWKPHR
High Level Minimum Pulse Width in Rising Edge Mode
≥Tck+10
50
ns
3
TwWKPHF
High Level Minimum Pulse Width in Falling Edge Mode
≥Tck+10
50
ns
4
TwWKPLF
Low Level Minimum Pulse Width in Falling Edge Mode
≥Tck+10
50
ns
Rising Edge Detection
Falling Edge Detection
INTn
n = 0-7
n = 0
-15
Rising Edge Detection
Falling Edge Detection
WKUPn
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com