Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 387 Page - STMicroelectronics

Part # LQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 387 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 383Page - STMicroelectronics LQFP100 Datasheet HTML 384Page - STMicroelectronics LQFP100 Datasheet HTML 385Page - STMicroelectronics LQFP100 Datasheet HTML 386Page - STMicroelectronics LQFP100 Datasheet HTML 387Page - STMicroelectronics LQFP100 Datasheet HTML 388Page - STMicroelectronics LQFP100 Datasheet HTML 389Page - STMicroelectronics LQFP100 Datasheet HTML 390Page - STMicroelectronics LQFP100 Datasheet HTML 391Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 429 page
background image
387/429
ST92F124/F150/F250 - ELECTRICAL CHARACTERISTICS
OSCILLATOR CHARACTERISTICS
(VDD = 5V ± 10%, TA = –40°C to +125°C, CLoad = 50pF, fINTCLK = 24MHz, unless otherwise specified)
Note:
(1) Unless otherwise stated, typical data are based on TA= 25° C and VDD= 5V. They are only reported for design guide lines not tested in
production.
(2) Value guaranteed by design.
Symbol
Parameter
Comment
Value
Unit
Min
Typ (1)
Max
fOSC
Crystal Frequency
Fundamental mode crystal or ex-
ternal clock applied to OSCOUT
35
MHz
gm
Oscillator Transconductance
1.2 (2)
1.5 (2)
mA/V
VIHCK
Clock Input High Level
External Clock
2 (2)
VDD + 0.3
V
VILCK
Clock Input Low Level
External Clock
-0.3
0.4 (2)
V
TSTUP
Oscillator Start-up Time
5 (2)
ms
ILOAD
100
µA
RPOL
90
128
180
k
Ω
VOSC
Oscillation Level
600 (2)
mV
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com