Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 385 Page - STMicroelectronics

Part # LQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 385 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 381Page - STMicroelectronics LQFP100 Datasheet HTML 382Page - STMicroelectronics LQFP100 Datasheet HTML 383Page - STMicroelectronics LQFP100 Datasheet HTML 384Page - STMicroelectronics LQFP100 Datasheet HTML 385Page - STMicroelectronics LQFP100 Datasheet HTML 386Page - STMicroelectronics LQFP100 Datasheet HTML 387Page - STMicroelectronics LQFP100 Datasheet HTML 388Page - STMicroelectronics LQFP100 Datasheet HTML 389Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 429 page
background image
385/429
ST92F124/F150/F250 - ELECTRICAL CHARACTERISTICS
RCCU CHARACTERISTICS
(VDD = 5V ± 10%, TA = –40°C to +125°C, CLoad = 50pF, fINTCLK = 24MHz, unless otherwise specified)
Note:
(1) Unless otherwise stated, typical data are based on TA= 25°C and VDD= 5V. They are only reported for design guide lines not tested in
production.
(2) Value guaranteed by design.
RCCU TIMING TABLE
(VDD = 5V ± 10%, TA = –40°C to +125°C, fINTCLK = 24 MHz, unless otherwise specified)
Note:
(1) Unless otherwise stated, typical data are based on TA= 25°C and VDD= 5V. They are only reported for design guide lines not tested in
production.
(2) To be valid, a RESET pulse must exceed tNFR. All reset glitches with a duration shorter than tFRS will be filtered
(3) Depending on the delay between rising edge of RESET pin and the first rising edge of CLOCK1, the value can differ from the typical value
for +/- 1 CLOCK1 cycle.
Legend: Tosc = Crystal Oscilllator Clock (CLOCK1) period.
BOOTROM TIMING TABLE
Note:
(1) Unless otherwise stated, typical data are based on TA= 25°C and VDD= 5V. They are only reported for design guide lines not tested in
production
(2) Refer to AN1528 for more details on BOOTROM code.
Symbol
Parameter
Comment
Value
Unit
Min
Typ (1)
Max
VIHRS
RESET Input High Level
Input Threshold
0.75 x VDD
V
VILRS
RESET Input Low Level
Input Threshold
0.25 x VDD
V
VIRS
Input Voltage Range
– 0.3
VDD + 0.3
V
VHYRS
RESET Input Hysteresis
1 (2)
V
ILKRS
RESET Pin Input Leakage
0V < VIN < VDD
– 1
1
µA
Symbol
Parameter
Comment
Value
Unit
Min
Typ (1)
Max
tFRS
RESET Input Filtered Pulse(2)
50
ns
tNFR
RESET Input Non Filtered
Pulse(2)
20
µs
tRSPH
(3)
RESET Phase duration
20400
Tosc
tSTR
STOP Restart duration
DIV2 = 0
DIV2 = 1
10200
20400
Tosc
Symbol
Parameter
Conditions
Typ Value (1)
Unit
tBRE
BOOTROM Execution Duration
(see Figure 65 on page 137) (2)
fOSC = 4MHz
33
ms
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com