Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 414 Page - STMicroelectronics

Part # LQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 414 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 410Page - STMicroelectronics LQFP100 Datasheet HTML 411Page - STMicroelectronics LQFP100 Datasheet HTML 412Page - STMicroelectronics LQFP100 Datasheet HTML 413Page - STMicroelectronics LQFP100 Datasheet HTML 414Page - STMicroelectronics LQFP100 Datasheet HTML 415Page - STMicroelectronics LQFP100 Datasheet HTML 416Page - STMicroelectronics LQFP100 Datasheet HTML 417Page - STMicroelectronics LQFP100 Datasheet HTML 418Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 429 page
background image
414/429
ST92F124/F150/F250 - KNOWN LIMITATIONS
KNOWN LIMITATIONS (Cont’d)
13.6 CAN FIFO CORRUPTION WHEN 2 FIFO MESSAGES ARE PENDING
Description
Under certain conditions, FIFO corruption can
occur in the following cases:
WHEN a bxCAN RX FIFO already holds 2 mes-
sages (i.e. FMP==2)
AND the application releases the same FIFO
(with the instruction CANx_CTRL_CRFRy |=
CRF_rfom;
x=0 for the CAN_0 cell
x=1 for the CAN_1 cell
y=0 for the Receive FIFO 0
y=1 for the Receive FIFO 1 )
WHILE the bxCAN requests the transfer of a new
receive message into the FIFO (this lasts one CPU
cycle)
THEN the internal FIFO pointer is not updated
BUT the FMP bits are updated correctly
Impact on Application:
As the FIFO pointer is not updated correctly, this
causes the last message received to be over-
written by any incoming message. This means one
message is lost as shown in the example in Figure
2 The bxCAN will not recover normal operation
until a device reset occurs.
Figure 2. FIFO Corruption
Initial State
*v
* pointer to next receive location
v pointer to next message to be released
-- -
When the FIFO is empty, v and * point to the same location
FIFO
Receive Message A
*
v
A- -
Receive Message B
AB-
*
v
Receive Message C
ABC
*
v
* does not move because FIFO is full (normal operation)
Release Message A
ABC
v
*
Release Message B
DB C
and Receive Message D
*
v
DB C
*
Normal operation
* Does not move, pointer curruption
Receive Message E
EB C
Release Message C
EBC
*
v
Release Message E
EBC
*
v
C released
* v
Release Message B
EBC
* v
* and v are not pointing to the same message
D is overwritten by E
FMP
0
1
2
3
2
2
3
2
1
0
the FIFO is empty
v
E released instead of B
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com