Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 417 Page - STMicroelectronics

Part # LQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 417 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 413Page - STMicroelectronics LQFP100 Datasheet HTML 414Page - STMicroelectronics LQFP100 Datasheet HTML 415Page - STMicroelectronics LQFP100 Datasheet HTML 416Page - STMicroelectronics LQFP100 Datasheet HTML 417Page - STMicroelectronics LQFP100 Datasheet HTML 418Page - STMicroelectronics LQFP100 Datasheet HTML 419Page - STMicroelectronics LQFP100 Datasheet HTML 420Page - STMicroelectronics LQFP100 Datasheet HTML 421Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 429 page
background image
417/429
ST92F124/F150/F250 - KNOWN LIMITATIONS
KNOWN LIMITATIONS (Cont’d)
TCAN frame: This is minimum CAN frame duration
Figure 4. Critical Window Timing Diagram
Figure 5. Reception of a Sequence of Frames
Side-effect of Workround 1
Because the while loop lasts 16 CPU cycles, if
fCPU≤16MHz at high baud rate, it is possible to
miss a dominant state on the bus if it lasts just one
CAN bit time and the bus speed is high enough
(see Table 75)
Table 75. While Loop Timing
Note: As can be seen from the above table, no
side effect occurs in cases when fCPU is 16MHz or
higher and if the CAN baud rate is below 1MBaud.
If this happens, we will continue waiting in the
while loop instead of releasing the FIFO immedi-
ately. The workaround is still valid because we will
not release the FIFO during the critical period. But
the application may lose additional time waiting in
the while loop as we are no longer able to guar-
antee a maximum of 6 CAN bit times spent in the
workaround.
In this particular case the time the application can
spend in the workaround may increase up to a full
CAN frame, depending of the frame contents. This
case is very rare but happens when a specific se-
quence is present on in the CAN frame.
The example in Figure 6 shows reception if TCAN
is 12/fCPU and the sampling time is 16/fCPU.
If the application is using the maximum baud rate
and the possible delay caused by the workaround
is not acceptable, there is another workaround
which reduces the Rx pin sampling time.
A release is not
allowed at this time
Critical window: the received
message is placed in the FIFO
CAN Frame
Acknowledge: last
dominant bit in the frame
Time to test RX pin and to
release the FIFO 4.5 µs@4MHz Time between the end of the
acknowledge and the critical windows
- 6 full CAN bit times+ time to the sample point
approx. 13µs @ 500kBd
0
12
2
TCAN frame 1TCAN frame 2TCAN frame 3
FMP
BUS
CPU
TIT disable
TIT higher level
TIT CAN
fCPU
Baud rate for possible
missed dominant bit
24 MHz
No dominant bit missed
16 MHz
1 MBaud
8 MHz
> 500 kHz
4 MHz
> 250 kHz
fCPU
> fCPU / 16
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com