Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 416 Page - STMicroelectronics

Part # LQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 416 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 412Page - STMicroelectronics LQFP100 Datasheet HTML 413Page - STMicroelectronics LQFP100 Datasheet HTML 414Page - STMicroelectronics LQFP100 Datasheet HTML 415Page - STMicroelectronics LQFP100 Datasheet HTML 416Page - STMicroelectronics LQFP100 Datasheet HTML 417Page - STMicroelectronics LQFP100 Datasheet HTML 418Page - STMicroelectronics LQFP100 Datasheet HTML 419Page - STMicroelectronics LQFP100 Datasheet HTML 420Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 429 page
background image
416/429
ST92F124/F150/F250 - KNOWN LIMITATIONS
KNOWN LIMITATIONS (Cont’d)
Figure 3. Workaround 1 in Assembler
We can assume a time quantum number between
8 and 25. The worst case is when the baud rate
prescaler is 0 (BRP=0) and the time quantum is 8,
ie. TS1+TS2=5. This means a CPU frequency of
8MHz and 1 Mbits/sec for the CAN communica-
tion. In this case the minimum time between the
end of the acknowledge and the critical period is
52 CPU cycles (48 for the 6 bit times + 4 for the
(PROP SEG + TSeg 1). According to the previous
code timing, we need less than 22 cycles from the
time we see the dominant state to the time we per-
form the FIFO release (one full loop + the actual
release) therefore the application will never re-
lease the FIFO at the critical time when this work-
around is implemented.
Timing analysis
- Time spent in the workaround
Inside a CAN frame, the longest period that the Rx
pin stays in recessive state is 5 bits. At the end of
the frame, the time between the acknowledge
dominant bit and the end of reception (signaled by
REC bit status) is 8TCANbit, therefore the max-
im um tim e spe n t in t he wor k ar ou nd is:
8TCANbit+Tloop+Ttest+Trelease in this case or
8TCANbit+68TCPU.
At low speed, this time could represent a long
delay for the application, therefore it makes sense
to evaluate how frequently this delay occurs.
In order to reach the critical FMP=2, the CAN node
needs to receive 2 messages without servicing
them. Then in order to reach the critical window,
the cell has to receive a third one and the applica-
tion has to release the mailbox at the same time, at
the end of the reception.
In the application, messages are not processed
only if either the interrupt are disabled or higher
level interrupts are being serviced.
Therefore if:
TIT higher level + TIT disable + TIT CAN < 2 x T CAN
frame
the application will never wait in the workaround
TIT higher level: This the sum of the duration of all the
interrupts with a level strictly higher than the CAN
interrupt level
TIT disable: This is the longest time the application
disables the CAN interrupt (or all interrupts)
TIT CAN: This is the maximum duration between
the beginning of the CAN interrupt and the actual
location of the workaround
asm (“
/*
Bytes/cycles
*/
spp #48
/*
set CAN0_CTRL page
2/4
*/
/*
Use spp #36 for CAN1
ld
r0, R244
/*
For FIFO 02/4
*/
/*
NB: Replace R244 with R245 for FIFO 1*/
and
r0, #3
/*
3/6
*/
cp
r0, #2
/*
3/6
*/
jxnz
_release
/*
(JRNE instruction)
2/6
*/
/*
if FMP is not 2 then FIFO
*/
/*
release can be done
*/
pushw
RR232
/*
push working group
2/8 or 10
*/
srp
#31
/*
set group F as working group
2/4
*/
_whileloop: btjf r1.5, _release /*
REC bit of CMSR register
3/6 or 10 if jmp
*/
btjf
r12.3, _whileloop /*
RX bit of CDGR register
3/6 or 10 if jmp
*/
_release:
or R244, #32
/*
set RFOM bit of CRFR register
3/6
*/
/*
NB: Replace R244 with R245 for FIFO 1*/
popw
RR232
/*
restore previous working group
2/10
*/
“);
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com