Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276 Datasheet(PDF) 159 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 159 Page - STMicroelectronics

Back Button ST10F276 Datasheet HTML 155Page - STMicroelectronics ST10F276 Datasheet HTML 156Page - STMicroelectronics ST10F276 Datasheet HTML 157Page - STMicroelectronics ST10F276 Datasheet HTML 158Page - STMicroelectronics ST10F276 Datasheet HTML 159Page - STMicroelectronics ST10F276 Datasheet HTML 160Page - STMicroelectronics ST10F276 Datasheet HTML 161Page - STMicroelectronics ST10F276 Datasheet HTML 162Page - STMicroelectronics ST10F276 Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 229 page
background image
ST10F276
Register set
159/229
XPICON
EB26h
Extended port input threshold control
register
- - 00h
XIR2SEL
EB30h
X-Interrupt 2 selection register
0000h
XIR2SET
EB32h
X-Interrupt 2 set register (write-only)
0000h
XIR2CLR
EB34h
X-Interrupt 2 clear register (write-only)
0000h
XP1DIDIS
EB36h
Port 1 digital disable register
0000h
XIR3SEL
EB40h
X-Interrupt 3 selection register
0000h
XIR3SET
EB42h
X-Interrupt 3 set selection register
(write-only)
0000h
XIR3CLR
EB44h
X-Interrupt 3 clear selection register
(write-only)
0000h
XMISC
EB46h
XBUS miscellaneous features register
0000h
XEMU0
EB76h
XBUS emulation register 0 (write-only)
XXXXh
XEMU1
EB78h
XBUS emulation register 1 (write-only)
XXXXh
XEMU2
EB7Ah
XBUS emulation register 2 (write-only)
XXXXh
XEMU3
EB7Ch
XBUS emulation register 3 (write-only)
XXXXh
XPEREMU
EB7Eh
XPERCON copy for emulation (write-only)
XXXXh
XPWMCON0
EC00h
XPWM module control register 0
0000h
XPWMCON1
EC02h
XPWM module control register 1
0000h
XPOLAR
EC04h
XPWM module channel polarity register
0000h
XPWMCON0SET
EC06h
XPWM module set control register 0
(write-only)
0000h
XPWMCON0CLR
EC08h
XPWM module clear control reg. 0
(write-only)
0000h
XPWMCON1SET
EC0Ah
XPWM module set control register 0
(write-only)
0000h
XPWMCON1CLR
EC0Ch
XPWM module clear control reg. 0
(write-only)
0000h
XPT0
EC10h
XPWM module up/down counter 0
0000h
XPT1
EC12h
XPWM module up/down counter 1
0000h
XPT2
EC14h
XPWM module up/down Counter 2
0000h
XPT3
EC16h
XPWM module up/down counter 3
0000h
XPP0
EC20h
XPWM module period register 0
0000h
XPP1
EC22h
XPWM module period register 1
0000h
XPP2
EC24h
XPWM module period register 2
0000h
XPP3
EC26h
XPWM module period register 3
0000h
XPW0
EC30h
XPWM module pulse width register 0
0000h
Table 70.
X-registers ordered by address (continued)
Name
Physical
address
Description
Reset value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com