Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276 Datasheet(PDF) 160 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 160 Page - STMicroelectronics

Back Button ST10F276 Datasheet HTML 156Page - STMicroelectronics ST10F276 Datasheet HTML 157Page - STMicroelectronics ST10F276 Datasheet HTML 158Page - STMicroelectronics ST10F276 Datasheet HTML 159Page - STMicroelectronics ST10F276 Datasheet HTML 160Page - STMicroelectronics ST10F276 Datasheet HTML 161Page - STMicroelectronics ST10F276 Datasheet HTML 162Page - STMicroelectronics ST10F276 Datasheet HTML 163Page - STMicroelectronics ST10F276 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 229 page
background image
Register set
ST10F276
160/229
XPW1
EC32h
XPWM module pulse width register 1
0000h
XPW2
EC34h
XPWM module pulse width register 2
0000h
XPW3
EC36h
XPWM module pulse width register 3
0000h
XPWMPORT
EC80h
XPWM module port control register
0000h
RTCCON
ED00H
RTC control register
000Xh
RTCPL
ED06h
RTC prescaler register low byte
XXXXh
RTCPH
ED08h
RTC prescaler register high byte
XXXXh
RTCDL
ED0Ah
RTC divider counter low byte
XXXXh
RTCDH
ED0Ch
RTC divider counter high byte
XXXXh
RTCL
ED0Eh
RTC programmable counter low byte
XXXXh
RTCH
ED10h
RTC programmable counter high byte
XXXXh
RTCAL
ED12h
RTC alarm register low byte
XXXXh
RTCAH
ED14h
RTC alarm register high byte
XXXXh
CAN2CR
EE00h
CAN2: CAN control register
0001h
CAN2SR
EE02h
CAN2: status register
0000h
CAN2EC
EE04h
CAN2: error counter
0000h
CAN2BTR
EE06h
CAN2: bit timing register
2301h
CAN2IR
EE08h
CAN2: interrupt register
0000h
CAN2TR
EE0Ah
CAN2: test register
00x0h
CAN2BRPER
EE0Ch
CAN2: BRP extension register
0000h
CAN2IF1CR
EE10h
CAN2: IF1 command request
0001h
CAN2IF1CM
EE12h
CAN2: IF1 command mask
0000h
CAN2IF1M1
EE14h
CAN2: IF1 mask 1
FFFFh
CAN2IF1M2
EE16h
CAN2: IF1 mask 2
FFFFh
CAN2IF1A1
EE18h
CAN2: IF1 arbitration 1
0000h
CAN2IF1A2
EE1Ah
CAN2: IF1 arbitration 2
0000h
CAN2IF1MC
EE1Ch
CAN2: IF1 message control
0000h
CAN2IF1DA1
EE1Eh
CAN2: IF1 data A 1
0000h
CAN2IF1DA2
EE20h
CAN2: IF1 data A 2
0000h
CAN2IF1DB1
EE22h
CAN2: IF1 data B 1
0000h
CAN2IF1DB2
EE24h
CAN2: IF1 data B 2
0000h
CAN2IF2CR
EE40h
CAN2: IF2 command request
0001h
CAN2IF2CM
EE42h
CAN2: IF2 command mask
0000h
CAN2IF2M1
EE44h
CAN2: IF2 mask 1
FFFFh
Table 70.
X-registers ordered by address (continued)
Name
Physical
address
Description
Reset value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com