Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276 Datasheet(PDF) 170 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 170 Page - STMicroelectronics

Back Button ST10F276 Datasheet HTML 166Page - STMicroelectronics ST10F276 Datasheet HTML 167Page - STMicroelectronics ST10F276 Datasheet HTML 168Page - STMicroelectronics ST10F276 Datasheet HTML 169Page - STMicroelectronics ST10F276 Datasheet HTML 170Page - STMicroelectronics ST10F276 Datasheet HTML 171Page - STMicroelectronics ST10F276 Datasheet HTML 172Page - STMicroelectronics ST10F276 Datasheet HTML 173Page - STMicroelectronics ST10F276 Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 229 page
background image
Register set
ST10F276
170/229
Note:
1
BTYP (bit 6 and 7) is set according to the configuration of the bit l6 and l7 of PORT0 latched
at the end of the reset sequence.
2
BUSCON0 is initialized with 0000h, if EA pin is high during reset. If EA pin is low during
reset, bit BUSACT0 and ALECTRL0 are set (‘1’) and bit field BTYP is loaded with the bus
configuration selected via PORT0.
RP0H (F108h / 84h)
ESFR
Reset value: --XXh
15
14
13
12
11
10
987
65432
10
-
CLKSEL
SALSEL
CSSEL
WRC
R
R
R
R
Table 79.
RPOH description(1)
1.
RP0H is a read-only register.
Bit
Function
WRC (2)
Write configuration control
‘0’: Pin WR acts as WRL, pin BHE acts as WRH
‘1’: Pins WR and BHE retain their normal function
CSSEL (2)
Chip select line selection (number of active CS outputs)
0 0: 3 CS lines: CS2...CS0
0 1: 2 CS lines: CS1...CS0
1 0: No CS line at all
1 1: 5 CS lines: CS4...CS0 (Default without pull-downs)
SALSEL (2)
2.
These bits are set according to Port 0 configuration during any reset sequence.
Segment address line selection (number of active segment address outputs)
’00’: 4-bit segment address: A19...A16
’01’: No segment address lines at all
’10’: 8-bit segment address: A23...A16
’11’: 2-bit segment address: A17...A16 (Default without pull-downs)
CLKSEL(2) (3)
3.
RP0H.7 to RP0H.5 bits are loaded only during a long hardware reset. As pull-up resistors are active on
each Port P0H pins during reset, RP0H default value is “FFh”.
System clock selection
’000’: fCPU = 16 x fOSC
’001’: fCPU = 0.5 x fOSC
’010’: fCPU = 10 x fOSC
’011’: fCPU = fOSC
’100’: fCPU = 5 x fOSC
’101’: fCPU = 8 x fOSC
’110’: fCPU = 3 x fOSC
’111’: fCPU = 4 x fOSC
EXICON (F1C0h / E0h)
ESFR
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
EXI7ES
EXI6ES
EXI5ES
EXI4ES
EXI3ES
EXI2ES
EXI1ES
EXI0ES
RW
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com