Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276 Datasheet(PDF) 173 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 173 Page - STMicroelectronics

Back Button ST10F276 Datasheet HTML 169Page - STMicroelectronics ST10F276 Datasheet HTML 170Page - STMicroelectronics ST10F276 Datasheet HTML 171Page - STMicroelectronics ST10F276 Datasheet HTML 172Page - STMicroelectronics ST10F276 Datasheet HTML 173Page - STMicroelectronics ST10F276 Datasheet HTML 174Page - STMicroelectronics ST10F276 Datasheet HTML 175Page - STMicroelectronics ST10F276 Datasheet HTML 176Page - STMicroelectronics ST10F276 Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 229 page
background image
ST10F276
Register set
173/229
When CAN1, CAN2, RTC, XASC, XSSC, I2C, XPWM and the XBUS Additional Features are
all disabled via XPERCON setting, then any access in the address range 00’E800h -
00’EFFFh is directed to external memory interface, using the BUSCONx register
corresponding to the address matching ADDRSELx register. All pins used for X-Peripherals
can be used as General Purpose I/O whenever the related module is not enabled.
XRTCEN
RTC enable
‘0’: Accesses to the on-chip RTC module are disabled, external access performed.
Address range 00’ED00h-00’EDFF is directed to external memory only if
CAN1EN, CAN2EN, XASCEN, XSSCEN, XI2CEN, XPWMEN and XMISCEN are
‘0’ also.
‘1’: The on-chip RTC module is enabled and can be accessed.
XPWMEN
XPWM enable
‘0’: Accesses to the on-chip XPWM module are disabled, external access
performed. Address range 00’EC00h-00’ECFF is directed to external memory only
if CAN1EN, CAN2EN, XASCEN, XSSCEN, XI2CEN, XRTCEN and XMISCEN are
‘0’ also.
‘1’: The on-chip XPWM module is enabled and can be accessed.
XFLASHEN
XFlash enable bit
‘0’: Accesses to the on-chip XFlash and Flash registers are disabled, external
access performed. Address range 09’0000h-0E’FFFFh is directed to external
memory only if XRAM2EN is ‘0’ also.
‘1’: The on-chip XFlash is enabled and can be accessed.
XASCEN
XASC enable bit
‘0’: Accesses to the on-chip XASC are disabled, external access performed.
Address range 00’E900h-00’E9FFh is directed to external memory only if
CAN1EN, CAN2EN, XRTCEN, XASCEN, XI2CEN, XPWMEN and XMISCEN are
‘0’ also.
‘1’: The on-chip XASC is enabled and can be accessed.
XSSCEN
XSSC enable bit
‘0’: Accesses to the on-chip XSSC are disabled, external access performed.
Address range 00’E800h-00’E8FFh is directed to external memory only if
CAN1EN, CAN2EN, XRTCEN, XASCEN, XI2CEN, XPWMEN and XMISCEN are
‘0’ also.
‘1’: The on-chip XSSC is enabled and can be accessed.
XI2CEN
I2C enable bit
‘0’: Accesses to the on-chip I2C are disabled, external access performed. Address
range 00’EA00h-00’EAFFh is directed to external memory only if CAN1EN,
CAN2EN, XRTCEN, XASCEN, XSSCEN, XPWMEN and XMISCEN are ‘0’ also.
‘1’: The on-chip I2C is enabled and can be accessed.
XMISCEN
XBUS additional features enable bit
‘0’: Accesses to the Additional Miscellaneous Features is disabled. Address range
00’EB00h-00’EBFFh is directed to external memory only if CAN1EN, CAN2EN,
XRTCEN, XASCEN, XSSCEN, XPWMEN and XI2CEN are ‘0’ also.
‘1’: The Additional Features are enabled and can be accessed.
Table 84.
ESFR description (continued)
Bit
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com