Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276 Datasheet(PDF) 176 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 176 Page - STMicroelectronics

Back Button ST10F276 Datasheet HTML 172Page - STMicroelectronics ST10F276 Datasheet HTML 173Page - STMicroelectronics ST10F276 Datasheet HTML 174Page - STMicroelectronics ST10F276 Datasheet HTML 175Page - STMicroelectronics ST10F276 Datasheet HTML 176Page - STMicroelectronics ST10F276 Datasheet HTML 177Page - STMicroelectronics ST10F276 Datasheet HTML 178Page - STMicroelectronics ST10F276 Datasheet HTML 179Page - STMicroelectronics ST10F276 Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 229 page
background image
Electrical characteristics
ST10F276
176/229
23
Electrical characteristics
23.1
Absolute maximum ratings
Note:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability. During overload conditions (VIN > VDD or VIN < VSS) the
voltage on pins with respect to ground (VSS) must not exceed the values defined by the
Absolute Maximum Ratings.
During Power-on and Power-off transients (including Stand-by entering/exiting phases), the
relationships between voltages applied to the device and the main VDD must always be
respected. In particular, power-on and power-off of VAREF must be coherent with the VDD
transient, in order to avoid undesired current injection through the on-chip protection diodes.
23.2
Recommended operating conditions
Table 86.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Voltage on VDD pins with respect to ground (VSS)
- 0.3 to +6.5
V
VSTBY
Voltage on VSTBY pin with respect to ground (VSS)
VAREF
Voltage on VAREF pin with respect to ground (VSS)
- 0.3 to VDD + 0.3
VAGND
Voltage on VAGND pin with respect to ground (VSS)VSS
VIO
Voltage on any pin with respect to ground (VSS)
- 0.5 to VDD + 0.5
IOV
Input current on any pin during overload condition
± 10
mA
ITOV
Absolute sum of all input currents during overload condition
| 75 |
TST
Storage temperature
- 65 to +150
°C
ESD
ESD susceptibility (human body model)
2000
V
Table 87.
Recommended operating conditions
Symbol
Parameter
Min.
Max.
Unit
VDD
Operating supply voltage
4.5
5.5
V
VSTBY
Operating stand-by supply voltage(1)
1.
The value of the VSTBY voltage is specified in the range 4.5 - 5.5 volts. Nevertheless, it is acceptable to
exceed the upper limit (up to 6.0 volts) for a maximum of 100 hours over the global 300000 hours,
representing the lifetime of the device (about 30 years). On the other hand, it is possible to exceed the
lower limit (down to 4.0 volts) whenever RTC and 32 kHz on-chip oscillator amplifier are turned off (only
Stand-by RAM powered through VSTBY pin in Stand-by mode). When VSTBY voltage is lower than main
VDD, the input section of VSTBY/EA pin can generate a spurious static consumption on VDD power supply
(in the range of tenth of
µA).
VAREF
Operating analog reference voltage(2)
0
VDD
TA
Ambient temperature under bias
–40
+125
°C
TJ
Junction temperature under bias
+150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com