Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276 Datasheet(PDF) 180 Page - STMicroelectronics

Part # ST10F276
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276 Datasheet(HTML) 180 Page - STMicroelectronics

Back Button ST10F276 Datasheet HTML 176Page - STMicroelectronics ST10F276 Datasheet HTML 177Page - STMicroelectronics ST10F276 Datasheet HTML 178Page - STMicroelectronics ST10F276 Datasheet HTML 179Page - STMicroelectronics ST10F276 Datasheet HTML 180Page - STMicroelectronics ST10F276 Datasheet HTML 181Page - STMicroelectronics ST10F276 Datasheet HTML 182Page - STMicroelectronics ST10F276 Datasheet HTML 183Page - STMicroelectronics ST10F276 Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 229 page
background image
Electrical characteristics
ST10F276
180/229
|IOV2 | SR Overload current (P2.0)
(3)
(4)(5)
–
+5
–1
mA
RRST CC RSTIN pull-up resistor
100 k
Ω nominal
50
250
k
Ω
IRWH
Read/Write inactive current (6) (7)
VOUT = 2.4 V
–
–40
µA
IRWL
Read/Write active current (6)(8)
VOUT = 0.4V
–500
–
IALEL
ALE inactive current (6) (7)
VOUT = 0.4V
20
–
IALEH
ALE active current (6) (8)
VOUT = 2.4 V
–
300
IP6H
Port 6 inactive current
(P6[4:0])(6)(7)
VOUT = 2.4 V
–
–40
IP6L
Port 6 active current (P6[4:0])(6) (8) VOUT = 0.4V
–500
–
IP0H
6)
PORT0 configuration current (6)
VIN = 2.0V
–
–10
IP0L
7)
VIN = 0.8V
–100
–
CIO
CC
Pin capacitance
(digital inputs / outputs)
(4)(6)
–10
pF
ICC1
Run mode power supply current(9)
(execution from internal RAM)
–
–
20 + 2 fCPU
mA
ICC2
Run mode power supply current
(4)(10)(execution from internal
Flash)
––
20 + 1.8 fCPU
mA
IID
Idle mode supply current (11)
––
20 + 0.6 fCPU
mA
IPD1
Power Down supply current (12)
(RTC off, oscillators off,
main voltage regulator off)
TA = 25°C
–
1
mA
IPD2
Power Down supply current (12)
(RTC on, main oscillator on,
main voltage regulator off)
TA = 25°C
–
8
mA
IPD3
Power down supply current (12)
(RTC on, 32 kHz oscillator on,
main voltage regulator off)
TA = 25°C
–
1.1
mA
ISB1
Stand-by supply current (12)
(RTC off, Oscillators off, VDD off,
VSTBY on)
VSTBY = 5.5V
TA = TJ = 25°C
–
250
µA
VSTBY = 5.5V
TA = TJ = 125°C
–
500
µA
ISB2
Stand-by supply current (12)
(RTC on, 32 kHz Oscillator on,
main VDD off, VSTBY on)
VSTBY = 5.5V
TA = 25°C
–
250
µA
VSTBY = 5.5V
TA = 125°C
–
500
µA
ISB3
Stand-by supply current (4) (12)
(VDD transient condition)
––
2.5
mA
Table 90.
DC characteristics (continued)
Symbol
Parameter
Test Condition
Limit values
Unit
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com