Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6031E/ST Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6031E/ST
Description  0.9 uA, High Precision Op Amps
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6031E/ST Datasheet(HTML) 3 Page - Microchip Technology

  MCP6031E/ST Datasheet HTML 1Page - Microchip Technology MCP6031E/ST Datasheet HTML 2Page - Microchip Technology MCP6031E/ST Datasheet HTML 3Page - Microchip Technology MCP6031E/ST Datasheet HTML 4Page - Microchip Technology MCP6031E/ST Datasheet HTML 5Page - Microchip Technology MCP6031E/ST Datasheet HTML 6Page - Microchip Technology MCP6031E/ST Datasheet HTML 7Page - Microchip Technology MCP6031E/ST Datasheet HTML 8Page - Microchip Technology MCP6031E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
© 2007 Microchip Technology Inc.
DS22041A-page 3
MCP6031/2/3/4
AC ELECTRICAL SPECIFICATIONS
Output
Maximum Output Voltage Swing
VOL, VOH VSS + 10
VDD – 10
mV
RL = 50 kΩ to VL,
0.5V output overdrive
Output Short-Circuit Current
ISC
—±5
mA
VDD = 1.8V
—±23
mA
VDD = 5.5V
Power Supply
Supply Voltage
VDD
1.8
5.5
V
Quiescent Current per Amplifier
IQ
0.4
0.9
1.35
µA
IO = 0, VCM = VDD,
VDD = 5.5V
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +1.8 to +5.5V, VSS = GND, VCM = VDD/2,
VOUT ≈ VDD/2, VL = VDD/2, CL = 60 pF and RL = 1 MΩ to VL (Refer to Figure 1-2 and Figure 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
AC Response
Gain Bandwidth Product
GBWP
10
kHz
Phase Margin
PM
65
°
G = +1
Slew Rate
SR
4.0
V/ms
Noise
Input Noise Voltage
Eni
3.9
µVp-p
f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—165
nV/
√Hz f = 1 kHz
Input Noise Current Density
ini
—0.6
fA/
√Hz f = 1 kHz
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND,
VCM = VDD/2, VOUT ≈ VDD/2, VL = VDD/2 and RL = 1 MΩ to VL (Refer to Figure 1-2 and Figure 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com